Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5523ACPZ-R7
Description  400 MHz to 4000 MHz Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5523ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5523
Data Sheet
Rev. B | Page 14 of 24
3500 MHz, VPOS = 3 V
Matched for optimal noise figure, external matching circuit included.
15
5
–5
–15
10
0
–10
–20
–25
2800
2900
3000
3300
3400
3100
3200
3500
3600
3700
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 45. Typical S-Parameters, Log Magnitude
18
16
14
10
6
2
0
32
30
28
24
20
16
12
8
4
26
22
18
14
3400 3420
3460
3500
3540
3580
3440
3480
3520
3560
3600
FREQUENCY (MHz)
GAIN
P1dB
OIP3
NOISE FIGURE
Figure 46. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3400 3420 3440 3460 3480 3500 3520 3540 3560 3580 3600
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 47. Noise Figure vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3400 3420 3440 3460 3480 3500 3520 3540 3560 3580 3600
FREQUENCY (MHz)
Figure 48. Noise Figure vs. Frequency at 25°C, Multiple Devices
16
15
14
13
12
11
10
9
8
7
33
31
29
27
25
23
21
19
17
15
3400 3420 3440 3460 3480 3500 3520 3540 3560 3580 3600
FREQUENCY (MHz)
+85°C
+85°C
+85°C
+25°C
+25°C
+25°C
–40°C
–40°C
–40°C
GAIN
P1dB
OIP3
Figure 49. Gain, OIP3, and P1dB vs. Temperature
33
28
32
30
27
31
29
26
25
24
22
23
21
20
–14
–8
–10
–12
–4
–6
–2
0
2
4
8
12
610
14 16
POUT PER TONE (dBm)
+85°C
+25°C
–40°C
Figure 50. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com