Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5523ACPZ-R7
Description  400 MHz to 4000 MHz Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5523ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADL5523
Rev. B | Page 9 of 24
2600 MHz, VPOS = 5 V
Matched for optimal noise figure, external matching circuit included.
20
15
10
5
0
–5
–10
–15
–20
–25
–30
2100
2200
2300
2400
2500
2600
2700
2800
2900
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 15. Typical S-Parameters, Log Magnitude
16
14
12
10
8
6
4
2
0
50
45
40
35
30
25
20
15
10
2500 2520 2540 2560 2580
2620
2600
2640 2660 2680 2700
FREQUENCY (MHz)
GAIN
P1dB
OIP3
NOISE FIGURE
Figure 16. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 17. Noise Figure vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
Figure 18. Noise Figure vs. Frequency at 25°C, Multiple Devices
16.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
40
34
32
16.0
15.5
38
36
30
28
26
24
22
20
18
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
+85°C
+85°C
+85°C
+25°C
+25°C
+25°C
–40°C
–40°C
–40°C
GAIN
P1dB
OIP3
Figure 19. Gain, OIP3, and P1dB vs. Temperature
42
40
38
34
36
32
30
28
24
26
22
20
18
–6 –4
0
–2
2
4
6
8
10 12 14 16 18 20 22
POUT PER TONE (dBm)
+25°C
–40°C
+85°C
Figure 20. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com