Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7063 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7063 Datasheet HTML 9Page - Anpec Electronics Coropration APW7063 Datasheet HTML 10Page - Anpec Electronics Coropration APW7063 Datasheet HTML 11Page - Anpec Electronics Coropration APW7063 Datasheet HTML 12Page - Anpec Electronics Coropration APW7063 Datasheet HTML 13Page - Anpec Electronics Coropration APW7063 Datasheet HTML 14Page - Anpec Electronics Coropration APW7063 Datasheet HTML 15Page - Anpec Electronics Coropration APW7063 Datasheet HTML 16Page - Anpec Electronics Coropration APW7063 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2009
APW7063
www.anpec.com.tw
13
Function Pin Description (Cont.)
COMP (Pin 5) (Cont.)
Pull this pin below 0.4V will shutdown the controller, forc-
ing the UGATE and LGATE signals to be 0V. A soft-start
cycle will be initiated upon the release of this pin.
GND (Pin 6)
Signal ground for the IC.
PHASE (Pin 7)
A resistor (R
OCSET) is connected between this pin and the
drain of the low-side MOSFET will determine the over
current limit. An internal 250
µA current source will flow
through this resistor, creating a voltage drop. This volt-
age will be compared with the voltage across the low-
side MOSFET. The threshold of the over current limit is
therefore given by :
250uA
R
I
R
DS(ON)
LIMIT
OCSET
×
=
An over current condition will cycle the soft-start function
until the over current condition is removed. Because of
the comparator delay time, the on time of the low-side
MOSFET must be longer than 800ns to have the over
current protection work.
UGATE (Pin 8)
This pin provides gate drive for the high-side MOSFET.
BOOT (Pin 9)
This pin provides the supply voltage to the high side
MOSFET driver. For driving logic level N-channel MOSEFT,
a bootstrap circuit can be used to create a suitable driver’s
supply.
PGND (Pin 10)
Power ground for the gate diver. Connect the lower
MOSFET source to this pin.
LGATE (Pin 11)
This pin provides the gate drive signal for the low side
MOSFET.
VCC (Pin 12)
This pin provides a supply voltage for the device. When
VCC is above the rising threshold 4.2V, it turns on the
device is turned on. Conversely, when VCC is below the
falling threshold 3.9V, the device is turned off.
A 1
µF decoupling capacitor to GND is recommended.
DRIVE (Pin 13)
Connect this pin to the gate of an external N-channel
MOSFET transistor. This pin provides the gate voltage for
the linear regulator pass transistor. It also provides a
means of compensating the linear controller for applica-
tions where the user needs to optimize the regulator tran-
sient response.
FBL (Pin 14)
Connect this pin to the output of the linear regulator via a
proper sized resistor divider. The voltage at this pin is
regulated to 0.8V and the output voltage is determined
using the following equation :
+
×
=
GND
OUT
OUT
R
R
1
0.8V
V
where R
OUT is the resistor connected from VOUT to FBL,
and R
GND is the resistor connected from FBL to GND.
This pin also monitores the under-voltage events. If the
linear regulator is not used, tie the FBL to VREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com