Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7063 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7063 Datasheet HTML 1Page - Anpec Electronics Coropration APW7063 Datasheet HTML 2Page - Anpec Electronics Coropration APW7063 Datasheet HTML 3Page - Anpec Electronics Coropration APW7063 Datasheet HTML 4Page - Anpec Electronics Coropration APW7063 Datasheet HTML 5Page - Anpec Electronics Coropration APW7063 Datasheet HTML 6Page - Anpec Electronics Coropration APW7063 Datasheet HTML 7Page - Anpec Electronics Coropration APW7063 Datasheet HTML 8Page - Anpec Electronics Coropration APW7063 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2009
APW7063
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Synchronous Buck PWM and Linear Controller
•
Provide Two Regulated Voltages
- Synchronous Rectified Buck PWM Controller
- Linear Controller
•
Fast Transient Response
- 0~85% Duty Ratio
•
Excellent Output Voltage Regulation
- 0.8V Internal Reference
-
±1% Over Line Voltage and Temperature
•
Over Current Protection
- Sense Low-Side MOSFET’s R
DS(ON)
•
Under Voltage Lockout
•
Small Converter Size
- 250kHz Free-Running Oscillator
- Programmable From 70kHz to 800kHz
•
14-Lead SOIC Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Features
General Description
The APW7063 integrates PWM and linear controller, as
well as the monitoring and protection functions into a
single package. The synchronous PWM controller which
drives dual N-channel MOSFETs, which provides one
controlled power outputs with under-voltage and over-
current protections. Linear controller drives an external
N-channel MOSFET with under-voltage protection.
APW7063 provides excellent regulation for output load
variation. An internal 0.8V temperature-compensated ref-
erence voltage is designed to meet the various low out-
put voltage applications. APW7063 includes a 250kHz
free-running triangle-wave oscillator that is adjustable
from 70kHz to 800kHz.
A power-on-reset (POR) circuit limits the VCC minimum
opearting supply voltage to assure the controller working
well. Over current protection is achieved by monitoring
the voltage drop across the low side MOSFET, eliminat-
ing the need for a current sensing resistor and short cir-
cuit condition is detected through the FB pin. The over-
current protection triggers the soft-start function until the
fault events be removed, but Under-voltage protection will
shutdown IC directly.
Pull the COMP pin below 0.4V will shutdown the controller,
and both gate drive signals will be low.
Applications
•
Graphic Cards
•
Memory Power Supplies
•
DSL or Cable MODEMs
•
Set Top Boxes
•
Low-Voltage Distributed Power Supplies
Pin Configuration
1
2
3
4
5
6
7
10
9
8
11
12
13
14
RT
VREG
SS
FB
COMP
FBL
GND
VCC
DRIVE
LGATE
PGND
BOOT
UGATE
PHASE
SOP-14
(Top View)


Similar Part No. - APW7063

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
APW7063KC-TR ANPEC-APW7063KC-TR Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
APW7063KC-TRL ANPEC-APW7063KC-TRL Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
APW7063KC-TU ANPEC-APW7063KC-TU Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
APW7063KC-TUL ANPEC-APW7063KC-TUL Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
More results

Similar Description - APW7063

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
Synchronous Buck PWM and Linear Controllers
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
Synchronous Buck PWM and Linear Controller
logo
Richtek Technology Corp...
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
Synchronous Buck PWM and Linear Power Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
Synchronous Buck PWM and Linear Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com