Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7063 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7063 Datasheet HTML 1Page - Anpec Electronics Coropration APW7063 Datasheet HTML 2Page - Anpec Electronics Coropration APW7063 Datasheet HTML 3Page - Anpec Electronics Coropration APW7063 Datasheet HTML 4Page - Anpec Electronics Coropration APW7063 Datasheet HTML 5Page - Anpec Electronics Coropration APW7063 Datasheet HTML 6Page - Anpec Electronics Coropration APW7063 Datasheet HTML 7Page - Anpec Electronics Coropration APW7063 Datasheet HTML 8Page - Anpec Electronics Coropration APW7063 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2009
APW7063
www.anpec.com.tw
3
APW7063
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
ICC
VCC Nominal Supply
UGATE and LGATE Open
-
3
-
mA
POWER-ON-RESET
Rising VCC Threshold
7.0
7.2
7.4
V
Falling VCC Threshold
6.6
6.8
7.0
V
OSCILLATOR
Free Running Frequency
RT = OPEN, VCC = 12V
220
250
280
kHz
Total Variation
6k
Ω < R
T to GND < 200k
Ω
-15
-
+15
%
Ramp Amplitude
RT = OPEN
-
1.7
-
VP-P
REFERENCE
VREF
Reference Voltage
-
0.80
-
V
Reference Voltage Tolerance
-1
-
+1
%
PWM EEEOR AMPLIFIER
DC Gain
-
75
-
dB
UGATE Duty Range
0
-
85
%
FB Input Current
-
-
0.1
µA
GATE DRIVERS
IUGATE
Upper Gate Source
VBOOT = 12V, VUGATE = 6V
650
800
-
mA
RUGATE
Upper Gate Sink
IUGATE = 0.3A
-
4
8
Ω
ILGATE
Lower Gate Source
VCC = 12V, VLGATE = 6V
550
700
-
mA
RLGATE
Lower Gate Sink
ILGATE = 0.3A
-
4
8
Ω
TD
Dead Time
-
50
-
nS
LINEAR REGULATOR
Reference Voltage
-
0.8
-
V
Regulation
-
2
-
%
Output Drive Current
VDRIVE = 4V
8
10
12
mA
PROTECTION
FB Under Voltage Level
-
50
-
%
FBL Under Voltage Level
-
50
-
%
OCSET Source Current
-
250
-
µA
VREG
VREG
Output Voltage Accuracy
VCC > 12V
5.5
6
6.5
V
IOUT
Output Current Capacity
VCC = 12V
-
20
-
mA
SOFT-START AND SHUTDOWN
TSS
Internal Soft-Start Interval
CSS = 0
µF
-
2
-
mS
ISS
Soft-Start Charge Current
8
10
12
µA
Shutdown Threshold
COMP Falling
-
0.4
-
V
Shutdown Hysteresis
-
50
-
mV
Electrical Characteristics
Unless otherswise specified, these specifications apply over V
CC = 12V, VBOOT = 12V, RT = OPEN and TA = 0 ~ 70
oC. Typlcal values are
at T
A = 25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com