Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7063 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7063 Datasheet HTML 1Page - Anpec Electronics Coropration APW7063 Datasheet HTML 2Page - Anpec Electronics Coropration APW7063 Datasheet HTML 3Page - Anpec Electronics Coropration APW7063 Datasheet HTML 4Page - Anpec Electronics Coropration APW7063 Datasheet HTML 5Page - Anpec Electronics Coropration APW7063 Datasheet HTML 6Page - Anpec Electronics Coropration APW7063 Datasheet HTML 7Page - Anpec Electronics Coropration APW7063 Datasheet HTML 8Page - Anpec Electronics Coropration APW7063 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2009
APW7063
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Rating
Unit
VCC
VCC to GND
30
V
LGATE
LGATE to GND
30
V
DRIVE
DRIVE to GND
30
V
UGATE
UGATE to GND
30
V
VBOOT
BOOT to GND
30
V
PHASE to GND
30
V
Operating Junction Temperature
0~150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Range
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
8
12
19
V
VBOOT
Boot Voltage
-
-
26
V
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Ambient Resistance in Free Air
(Note 2)
SOP-14
160
oC/W
Thermal Characteristics
APW7063
Handling Code
Package Code
APW7063 K :
APW7063
XXXXX
XXXXX - Date Code
Assembly Material
Temperature Range
Package Code
K : SOP-14
Operating Ambient Temperature Range
C : 0 to 70 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com