Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7063 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7063 Datasheet HTML 1Page - Anpec Electronics Coropration APW7063 Datasheet HTML 2Page - Anpec Electronics Coropration APW7063 Datasheet HTML 3Page - Anpec Electronics Coropration APW7063 Datasheet HTML 4Page - Anpec Electronics Coropration APW7063 Datasheet HTML 5Page - Anpec Electronics Coropration APW7063 Datasheet HTML 6Page - Anpec Electronics Coropration APW7063 Datasheet HTML 7Page - Anpec Electronics Coropration APW7063 Datasheet HTML 8Page - Anpec Electronics Coropration APW7063 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2009
APW7063
www.anpec.com.tw
4
Typical Operating Characteristics
Time (10ms/div)
Time (10ms/div)
Time (10ms/div)
Time (2ms/div)
Power Up
Enable (COMP is left open)
Shutdown (COMP is pulled to GND)
Power Down
VCC(10V/div)
SS(5V/div)
VOUT1(2V/div)
VOUT2(2V/div)
VCC=VIN1=12V
VIN2=5V, CSS=0.1
µF
VCC(10V/div)
SS(5V/div)
VOUT1(2V/div)
VOUT2(2V/div)
VCC=VIN1=12V
VIN2=5V, CSS=0.1
µF
VCC=VIN1=12V
VIN2=5V, CSS=0.1
µF
VOUT2(2V/div)
VOUT1(2V/div)
COMP(1V/div)
SS(5V/div)
VCC=VIN1=12V
VIN2=5V, CSS=0.1
µF
VOUT2(2V/div)
VOUT1(2V/div)
COMP(1V/div)
SS(5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com