Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8713 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW8713
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW8713 Datasheet HTML 14Page - Anpec Electronics Coropration APW8713 Datasheet HTML 15Page - Anpec Electronics Coropration APW8713 Datasheet HTML 16Page - Anpec Electronics Coropration APW8713 Datasheet HTML 17Page - Anpec Electronics Coropration APW8713 Datasheet HTML 18Page - Anpec Electronics Coropration APW8713 Datasheet HTML 19Page - Anpec Electronics Coropration APW8713 Datasheet HTML 20Page - Anpec Electronics Coropration APW8713 Datasheet HTML 21Page - Anpec Electronics Coropration APW8713 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
18
Application Information (Cont.)
The input capacitor is chosen based on the voltage rating
and the RMS current rating. For reliable operation, select-
ing the capacitor voltage rating to be at least 1.3 times
higher than the maximum input voltage. The maximum
RMS current rating requirement is approximately I
OUT/2,
where I
OUT is the load current. During power-up, the input
capacitors have to handle great amount of surge current.
For low-duty notebook applications, ceramic capacitor is
recommended. The capacitors must be connected be-
tween the drain of high-side MOSFET and the source of
low-side MOSFET with very low-impedance PCB layout.
Input Capacitor Selection
SW
SW
IN
OUT
DS(ON)
2
OUT
UPPER
)F
)(t
)(V
0.5(I
)D
TC)(R
(1
I
P
+
+
=
Because the APW8802 build-in high-side and low-side
MOSFET, the heat dissipated may exceed the maximum
junction temperature of the part in applications. If the junc-
tion temperature reaches approximately 150oC, both
power switches will be turned off and the LX node will
become high impedance. To avoid the APW8713 from
exceeding the maximum junction temperature, the user
will need to do some thermal analysis. The goal of the
thermal analysis is to determine whether the power dis-
sipated exceeds the maximum junction temperature of
the part. The main power dissipated by the part is
approximated:
Thermal Consideration
D)
-
)(1
TC)(R
(1
I
P
DS(ON)
2
OUT
LOWER
+
=
I
OUT is the load current
TC is the temperature dependency of R
DS(ON)
F
SW is the switching frequency
t
SW is the switching interval
D is the duty cycle
Note that both internal MOSFETs have conduction losses
while the upper MOSFET include an additional transition
loss. The switching internal, t
SW, is the function of the
reverse transfer capacitance C
RSS. The (1+TC) term fac-
tors in the temperature dependency of the R
DS(ON) and can
be extracted from the "RDS(ON) vs. Temperature" curve
of the power MOSFET. In APW8713 case, the R
DS(ON) is
about 30mW from specification table.
Layout Consideration
In any high switching frequency converter, a correct lay-
out is important to ensure proper operation of the
regulator. With power devices switching at higher
frequency, the resulting current transient will cause volt-
age spike across the interconnecting impedance and
parasitic circuit elements. As an example, consider the
turn-off transition of the PWM MOSFET. Before turn-off
condition, the MOSFET is carrying the full load current.
During turn-off, current stops flowing in the MOSFET and
is freewheeling by the low side MOSFET and parasitic
diode. Any parasitic inductance of the circuit generates a
large voltage spike during the switching interval. In
general, using short and wide printed circuit traces should
minimize interconnecting impedances and the magni-
tude of voltage spike. Besides, signal and power grounds
are to be kept separate and finally combined using ground
plane construction or single point grounding. The best
tie-point between the signal ground and the power ground
is at the negative side of the output capacitor on each
channel, where there is less noise. Noisy traces beneath
the IC are not recommended. Below is a checklist for
your layout:
- Keep the switching nodes (BOOT and LX) away from
sensitive small signal nodes since these nodes are
fast moving signals. Therefore, keep traces to these
nodes as short as possible and there should be no
other weak signal traces in parallel with theses traces
on any layer.
- The large layout plane between the drain of the MOSFETs
(VIN and LX nodes) can get better heat sinking.
- The current sense resistor should be close to OCSET
pin to avoid parasitic capacitor effect and noise coupling.
- Decoupling capacitors, the resistor-divider, and boot
capacitor should be close to their pins.
- The output bulk capacitors should be close to the loads.
The input capacitor’s ground should be close to the
grounds of the output capacitors.
- Locate the resistor-divider close to the FB pin to mini-
mize the high impedance trace. In addition, FB pin traces
can’t be close to the switching signal traces (BOOT and
LX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com