Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8713 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW8713
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW8713 Datasheet HTML 2Page - Anpec Electronics Coropration APW8713 Datasheet HTML 3Page - Anpec Electronics Coropration APW8713 Datasheet HTML 4Page - Anpec Electronics Coropration APW8713 Datasheet HTML 5Page - Anpec Electronics Coropration APW8713 Datasheet HTML 6Page - Anpec Electronics Coropration APW8713 Datasheet HTML 7Page - Anpec Electronics Coropration APW8713 Datasheet HTML 8Page - Anpec Electronics Coropration APW8713 Datasheet HTML 9Page - Anpec Electronics Coropration APW8713 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
6
Typical Operating Characteristics
-50
-25
0
25
50
75
100
Reference Voltage vs. Junction
Temperature
0.804
0.794
0.796
0.798
0.8
0.802
Junction Temperature (
oC)
Output Current(A)
Automatic PFM/PWM Mode
Force PWM Mode
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
Switching Frequency vs. Output
Current
0
2
4
6
8
10
1.05
1.06
1.07
1.08
1.09
1.10
Automatic PFM/PWM Mode
Force PWM Mode
Output Current(A)
Output Voltage vs Output Current
Input Voltage(V)
Output Voltage vs Input Voltage
1.050
1.055
1.060
1.065
1.070
1.075
1.080
1.085
1.090
0
5
10
15
20
25
30
PFM Operation
PWM Operation
Input Voltage(V)
0
5
10
15
20
25
30
280
290
300
310
320
330
340
Switching Frequency vs. Input
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com