Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8713 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW8713
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW8713 Datasheet HTML 1Page - Anpec Electronics Coropration APW8713 Datasheet HTML 2Page - Anpec Electronics Coropration APW8713 Datasheet HTML 3Page - Anpec Electronics Coropration APW8713 Datasheet HTML 4Page - Anpec Electronics Coropration APW8713 Datasheet HTML 5Page - Anpec Electronics Coropration APW8713 Datasheet HTML 6Page - Anpec Electronics Coropration APW8713 Datasheet HTML 7Page - Anpec Electronics Coropration APW8713 Datasheet HTML 8Page - Anpec Electronics Coropration APW8713 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
5
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=12V,VEN=5V and TA= -40 to 85
oC. Typical values are at T
A=25
oC.
APW8713
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER-OK INDICATOR
POK in from Lower (POK Goes
High)
87
90
93
%
VPOK
POK Threshold
POK out from Normal (POK Goes
Low)
120
125
130
%
IPOK
POK Leakage Current
VPOK=5V
-
0.1
-
µA
POK Sink Current
VPOK=0.5V,
1.25
7.5
-
mA
POK Out Debounce Time2
When run away 90%
-
20
-
µs
POK Enable Delay Time
From EN High to POK High
-
Tss
-
ms
CURRENT SENSE
IOCP
OCP Threshold
Valley Current of IL
11
-
-
A
Zero Crossing Comparator
Offset
VGND-LX Voltage, PFM=0V
-5
0
5
mV
PROTECTION
VUV
UVP Threshold
65
70
75
%
UVP Debounce Interval
16
µs
UVP Enable Delay
EN high to UVP workable
Tss
ms
VOVR
OVP Rising Threshold1
OVP Occur
120
125
130
%
OVP Propagation Delay
VFB Rising, Over Voltage=10mV
-
3
-
µs
TOTR
OTP Rising Threshold (Note
5)
-
145
-
oC
OTP Hysteresis (Note 5)
-
45
-
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com