Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8713 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8713
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8713 Datasheet HTML 1Page - Anpec Electronics Coropration APW8713 Datasheet HTML 2Page - Anpec Electronics Coropration APW8713 Datasheet HTML 3Page - Anpec Electronics Coropration APW8713 Datasheet HTML 4Page - Anpec Electronics Coropration APW8713 Datasheet HTML 5Page - Anpec Electronics Coropration APW8713 Datasheet HTML 6Page - Anpec Electronics Coropration APW8713 Datasheet HTML 7Page - Anpec Electronics Coropration APW8713 Datasheet HTML 8Page - Anpec Electronics Coropration APW8713 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VVCC
VCC Supply Voltage (VCC to AGND)
-0.3 ~ 7
V
VIN
VIN Supply Voltage (VIN to AGND)
-0.3 ~ 30
V
VTON
TON Supply Voltage (TON to AGND)
-0.3 ~ 30
V
VBOOT-GND
BOOT Supply Voltage (BOOT to AGND)
-0.3 ~ 37
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 7
V
VGND
AGND to PGND
-0.3 ~ +0.3
V
All Other Pins (POK, EN, FB, SS and PFM to AGND)
-0.3 ~ 7
V
VLX
LX Voltage (LX to GND)
<20ns pulse width
>20ns pulse width
-5 ~ 32
-0.3 ~ 30
V
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature(10 Seconds)
260
oC
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in free air (Note 2)
50
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 3: Refer to the application circuit for further information.
Symbol
Parameter
Range
Unit
VVCC
VCC Supply Voltage
4.5 ~ 5.5
V
VIN
Converter Input Voltage
2.7 ~ 28
V
VOUT
Converter Output Voltage
0.8 ~ 13.2
V
IOUT
Converter Output Current
0 ~ 8
A
CIN
PWM1/2 Converter Input Capacitor (MLCC)
10 ~
µF
CVCC
VCC Output Capacitor (MLCC)
1.0 ~
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com