Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8713 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8713
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8713 Datasheet HTML 1Page - Anpec Electronics Coropration APW8713 Datasheet HTML 2Page - Anpec Electronics Coropration APW8713 Datasheet HTML 3Page - Anpec Electronics Coropration APW8713 Datasheet HTML 4Page - Anpec Electronics Coropration APW8713 Datasheet HTML 5Page - Anpec Electronics Coropration APW8713 Datasheet HTML 6Page - Anpec Electronics Coropration APW8713 Datasheet HTML 7Page - Anpec Electronics Coropration APW8713 Datasheet HTML 8Page - Anpec Electronics Coropration APW8713 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=12V,VEN=5V and TA= -40 to 85
oC. Typical values are at T
A=25
oC.
APW8713
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOUT AND VFB VOLTAGE
VOUT
Output Voltage
Adjustable output range
0.8
13.2
V
VREF
Reference Voltage
0.8
V
Regulation Accuracy
TA = -40
oC ~ 85 oC
-1.0
-
+1.0
%
IFB
FB Input Bias Current
FB=0.75V
0.02
-
µA
TSTOP
Output Discharge Time
EN go low to output remain below
0.1V
-
5*Tss
-
-
SUPPLY CURRENT
IVCC_NOR
MAL
VCC Quiescent Supply
Current
EN=5V, FB=0.835V, VCC=5V
-
0.7
1
m
Α
IVCC_SHD
N
VCC Shutdown Current
EN=GND, VCC=5V
-
-
25
µA
ON-TIME TIMER AND INTERNAL SOFT START
TON
Nominal on time
VIN=12V, VOUT=1V, RTON=100k
Ω
200
250
300
ns
FSW
Frequency adjustable range
100
1000
kHz
TOFF(MIN)
Minimum off time
VFB=0.75V, VPHASE=-0.1V
-
250
-
ns
ISS
Internal Soft Start Current
Vss=0V,Css=0.001uF to 0.1uF
8
10
12
µA
TSS
Internal Soft Start Time
EN High to POK High
-
330*Css
-
ms
GATE DRIVER
High Side MOSFET On
Resistance
VIN=12V,VCC=5V
-
30
45
m
Ω
Low Side MOSFET On
Resistance
VIN=12V,VCC=5V
-
9
13.5
m
Ω
BOOTSTRAP SWITCH
VF
Ron
VPVCC – VBOOT-GND, IF = 10mA
-
0.5
0.7
V
IR
Reverse Leakage
VBOOT-GND = 30V, VPHASE = 25V,
VPVCC = 5V
-
-
0.5
µA
VCC POR THRESHOLD
VLCC_THF
Falling VCC POR Threshold
Voltage
4.25
4.35
4.45
V
LDO POR Hysteresis
-
100
-
mV
CONTROL INPUTS
EN High-Level Input Voltage
2.5
-
-
V
EN Low-Level Input Voltage
-
-
0.5
V
EN Leakage
EN=0V
-
0.1
-
µA
PFM High-Level Input Voltage
2.5
-
-
V
PFM Low-Level Input Voltage
-
-
0.5
V
PFM Leakage
PFM=0V
-
0.1
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com