Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8722C Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW8722C
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722C Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW8722C Datasheet HTML 1Page - Anpec Electronics Coropration APW8722C Datasheet HTML 2Page - Anpec Electronics Coropration APW8722C Datasheet HTML 3Page - Anpec Electronics Coropration APW8722C Datasheet HTML 4Page - Anpec Electronics Coropration APW8722C Datasheet HTML 5Page - Anpec Electronics Coropration APW8722C Datasheet HTML 6Page - Anpec Electronics Coropration APW8722C Datasheet HTML 7Page - Anpec Electronics Coropration APW8722C Datasheet HTML 8Page - Anpec Electronics Coropration APW8722C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
5V to 12V Single Buck Voltage Mode PWM Controller
APW8722/A/B/C/D
Features
General Description
•
Wide 5V to 12V Supply Voltage
•
Power-On-Reset Monitoring on VCC
•
Excellent Output Voltage Regulations
- 0.6V Internal Reference for APW8722/A/D
- 0.8V Internal Reference for APW8722B/C
- ±0.6% Over-Temperature Range
•
Integrated Soft-Start
•
Voltage Mode PWM Operation with External
Compensation
•
Up to 90% Duty Ratio for Fast Transient Response
•
Constant Switching Frequency
- 300kHz ±10% for APW8722/B
- 200kHz ±10% for APW8722C
- 600kHz ±10% for APW8722A/D
•
Integrated Bootstrap Forward P-CH MOSFET
•
50% Under-Voltage Protection
•
125% Over-Voltage Protection
•
Adjustable Over-Current Protection Threshold
- Using the R
DS(ON) of Low-Side MOSFET
•
Shutdown Control by COMP
•
SOP-8P Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
•
Graphic Cards
•
DSL, Switch HUB
•
Wireless Lan
•
Notebook Computer
•
Mother Board
•
LCD Monitor/TV
The APW8722 is a voltage mode, fixed 200kHz/300kHz/
600kHz switching frequency, synchronous buck converter.
The APW8722 allows wide input voltage that is either a
single 5~12V or two supply voltage(s) for various
applications. A power-on-reset (POR) circuit monitors the
VCC supply voltage to prevent wrong logic controls. A built-
in soft-start circuit prevents the output voltages from over-
shoot as well as limits the input current. An internal 0.6V
temperature-compensated reference voltage with high
accuracy is designed to meet the requirement of low out-
put voltage applications. The APW8722 provides excel-
lent output voltage regulations against load current
variation.
The controller’s over-current protection monitors the out-
put current by using the voltage drop across the RDS
(ON) of low-side MOSFET, eliminating the need for a cur-
rent sensing resistor that features high efficiency and
low cost. In addition, the APW8722 also integrates excel-
lent protection functions. The over-voltage protection (OVP)
, under-voltage protection (UVP). OVP circuit which moni-
tors the FB voltage to prevent the PWM output from over
voltage, and UVP circuit which monitors the FB voltage to
prevent the PWM output from under voltage or short circuit.
The APW8722 is available in SOP-8P packages


Similar Part No. - APW8722C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8720B ANPEC-APW8720B Datasheet
639Kb / 22P
Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRG ANPEC-APW8720BKAI-TRG Datasheet
639Kb / 22P
Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRL ANPEC-APW8720BKAI-TRL Datasheet
639Kb / 22P
Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRG ANPEC-APW8720BQBI-TRG Datasheet
639Kb / 22P
Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRL ANPEC-APW8720BQBI-TRL Datasheet
639Kb / 22P
Single Buck Voltage Mode PWM Controller
More results

Similar Description - APW8722C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW8723 ANPEC-APW8723 Datasheet
721Kb / 23P
5V to 12V Single Buck Voltage Mode PWM Controller
APW8726 ANPEC-APW8726 Datasheet
617Kb / 22P
5V to 12V Single Buck Voltage Mode PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
5V/12V Input Voltage-Mode Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com