Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8722C Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW8722C
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722C Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW8722C Datasheet HTML 9Page - Anpec Electronics Coropration APW8722C Datasheet HTML 10Page - Anpec Electronics Coropration APW8722C Datasheet HTML 11Page - Anpec Electronics Coropration APW8722C Datasheet HTML 12Page - Anpec Electronics Coropration APW8722C Datasheet HTML 13Page - Anpec Electronics Coropration APW8722C Datasheet HTML 14Page - Anpec Electronics Coropration APW8722C Datasheet HTML 15Page - Anpec Electronics Coropration APW8722C Datasheet HTML 16Page - Anpec Electronics Coropration APW8722C Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
13
APW8722/A/B/C/D
Function Description
Power-On-Reset (POR)
The Power-On-Reset (POR) function of APW8722 con-
tinually monitors the input supply voltage (VCC) and en-
sures that the IC has sufficient supply voltage and can
work well. The POR function initiates a soft-start process
while the VCC voltage just exceeds the POR threshold;
the POR function also inhibits the operations of the IC
while the VCC voltage falls below the POR threshold.
Soft-Start
The APW8722 builds in a soft-start function about 1.5ms
(Typ.) interval, which controls the output voltage rising as
well as limiting the current surge at the start-up. During
soft-start, an internal ramp voltage connected to the one
of the positive inputs of the error amplifier replaces the
reference voltage (0.6V typical) until the ramp voltage
reaches the reference voltage. The soft-start circuit inter-
val is shown as figure 1.
Figure 1. Soft-Start Interval
Over-Current Protection of the PWM Converter
The over-current function protects the switching converter
against over-current or short-circuit conditions. The con-
troller senses the inductor current by detecting the drain-
to-source voltage which is the product of the inductor’s
current and the on-resistance of the low-side MOSFET
during it’s on-state. This method enhances the converter’s
efficiency and reduces cost by eliminating a current sens-
ing resistor required.
A resistor (R
OCSET), connected from the LGATE/OCSET to
GND, programs the over-current trip level. Before the IC
initiates a soft-start process, an internal current source,
I
OCSET (10µA typical), flowing through the ROCSET develops
a voltage (V
ROCSET) across the ROCSET. The device holds
V
ROCSET and stops the current source IOCSET during normal
operation. When the voltage across the low-side MOSFET
exceeds the V
ROCSET, the APW8722 turns off the high-side
and low-side MOSFET,and the device will enters hiccup
mode until the over-current phenomenon is released.
The APW8722 has an internal OCP voltage, V
OCP_MAX, and
the value is 1.2V (typical). When the R
OCSET x IOCSET exceed
1.2V or the R
OCSET is floating or not connected, the VROCSET
will be the default value 1.2V. The over current threshold
would be 1.2V across low-side MOSFET. The threshold
of the valley inductor current-limit is therefore given by:
)
side
low
(
R
R
I
2
I
)
ON
(
DS
OCSET
OCSET
LIMIT
−
×
×
=
For the over-current is never occurred in the normal oper-
ating load range, the variation of all parameters in the
above equation should be considered:
- The R
DS(ON) of low-side MOSFET is varied by tempera-
ture and gate to source voltage. Users should deter-
mine the maximum R
DS(ON) by using the manufacturer’s
datasheet.
- The minimum I
OCSET (9µA) and minimum ROCSET should
be used in the above equation.
- Note that the I
LIMIT is the current flow through the low-
side MOSFET; I
LIMIT must be greater than valley inductor
current which is output current minus the half of induc-
tor ripple current.
VOUT
(OCSET duratiom, t2-t1, less than 0.9ms)
t1 t2
t3
VVCC
Time
Voltage(V)
VPOK
POK Delay Time
OCSET count start
0.9xVREF
OCSET count completed
t4
t0
For avoid large inductor current occurring in short circuit
before power on, the controller reduces internal current
source, Iocset, to half during soft start time. It means that
when APW8722 is in soft start interval, the internal cur-
rent source, Iocset, is only 5
µA (typical).
2
I
I
I
)
MAX
(
OUT
LIMIT
∆
−
>
Where
∆I = output inductor ripple current
- The overshoot and transient peak current also should
be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com