Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8722C Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW8722C
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722C Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW8722C Datasheet HTML 1Page - Anpec Electronics Coropration APW8722C Datasheet HTML 2Page - Anpec Electronics Coropration APW8722C Datasheet HTML 3Page - Anpec Electronics Coropration APW8722C Datasheet HTML 4Page - Anpec Electronics Coropration APW8722C Datasheet HTML 5Page - Anpec Electronics Coropration APW8722C Datasheet HTML 6Page - Anpec Electronics Coropration APW8722C Datasheet HTML 7Page - Anpec Electronics Coropration APW8722C Datasheet HTML 8Page - Anpec Electronics Coropration APW8722C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
5
APW8722/A/B/C/D
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over V
VCC = 12V, TA = -40°C to 85°C, unless otherwise
noted. Typical values are at T
A = 25°C.
Note 4: Guaranteed by design, not production tested.
APW8722
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOFT-START
VDISABLE
Shutdown Threshold of VCOMP
-
-
0.4
V
TSS
Internal Soft-Start Interval (Note 4)
-
1.5
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com