Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8722C Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8722C
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722C Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8722C Datasheet HTML 1Page - Anpec Electronics Coropration APW8722C Datasheet HTML 2Page - Anpec Electronics Coropration APW8722C Datasheet HTML 3Page - Anpec Electronics Coropration APW8722C Datasheet HTML 4Page - Anpec Electronics Coropration APW8722C Datasheet HTML 5Page - Anpec Electronics Coropration APW8722C Datasheet HTML 6Page - Anpec Electronics Coropration APW8722C Datasheet HTML 7Page - Anpec Electronics Coropration APW8722C Datasheet HTML 8Page - Anpec Electronics Coropration APW8722C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
4
APW8722/A/B/C/D
Electrical Characteristics
APW8722
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT SUPPLY VOLTAGE AND CURRENT
VCC Supply Current (Shutdown Mode)
UGATE and LGATE open;
COMP=GND
-
-
550
µA
IVCC
VCC Supply Current
UGATE and LGATE open
-
2.5
10
mA
POWER-ON-RESET(POR)
Rising VCC POR Threshold
3.8
4.1
4.4
V
VCC POR Hysteresis
0.3
0.5
0.6
V
OSCILLATOR
For APW8722/B
270
300
330
For APW8722C
180
200
220
FOSC
Oscillator Frequency
For APW8722A/D
540
600
660
kHz
∆V
OSC
Oscillator Sawtooth Amplitude
(Note 4)
(1.2V~2.7V typical)
-
1.5
-
V
DMAX
Maximum Duty Cycle
-
-
90
%
REFERENCE
APW8722/A/D Reference Voltage
TA = -40 ~ 85°C
0.596
0.6
0.604
VREF
APW8722B/C Reference Voltage
TA = -40 ~ 85°C
0.795
0.8
0.805
V
ERROR AMPLIFIER
Open-Loop GAIN
(Note 4)
RL = 10k
Ω, C
L = 10pF
-
90
-
dB
Open-Loop Bandwidth
(Note 4)
RL = 10k
Ω, C
L = 10pF
-
20
-
MHz
FB Input Leakage Current
VFB = 0.6V
-
-
0.1
µA
GATE DRIVERS
High-side Gate Driver Source Current
VBOOT= 12V, VUGATE-PHASE = 6V
-
1.0
-
High-side Gate Driver Sink Current
VBOOT= 12V, VUGATE-PHASE = 6V
-
1.1
-
Low-side Gate Driver Source Current
VVCC = 12V, VLGATE-GND = 6V
-
1.8
-
Low-side Gate Driver Sink Current
VVCC = 12V, VLGATE-GND = 6V
-
2.0
-
A
TD
Dead-time (Note 4)
-
30
-
ns
PROTECTIONS
VFB_UV
FB Under-Voltage Protection Trip Point
Percentage of VREF
45
50
55
%
Under-Voltage Debounce Interval
-
2
-
µs
Under-Voltage Protection Enable
Delay
-
1.5
-
ms
VFB_OV
FB Over-Voltage Protection Rising
Threshold
VFB rising
120
125
130
%
FB Over-Voltage Protection Falling
Threshold
VFB falling
100
105
110
%
Over-Voltage Debounce Interval
-
2
-
µs
VOCP_MAX
Built-in Maximum OCP Voltage
-
1200
-
mV
IOCSET
OCSET Current Source
9
10
11
µA
Refer to the typical application circuit. These specifications apply over V
VCC = 12V, TA = -40°C to 85°C, unless otherwise
noted. Typical values are at T
A = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com