Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8722C Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW8722C
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722C Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW8722C Datasheet HTML 7Page - Anpec Electronics Coropration APW8722C Datasheet HTML 8Page - Anpec Electronics Coropration APW8722C Datasheet HTML 9Page - Anpec Electronics Coropration APW8722C Datasheet HTML 10Page - Anpec Electronics Coropration APW8722C Datasheet HTML 11Page - Anpec Electronics Coropration APW8722C Datasheet HTML 12Page - Anpec Electronics Coropration APW8722C Datasheet HTML 13Page - Anpec Electronics Coropration APW8722C Datasheet HTML 14Page - Anpec Electronics Coropration APW8722C Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
11
APW8722/A/B/C/D
Block Diagram
Power-On
Reset
Sample
and Hold
To
LGATE
VROCSET
Soft Start
and
Fault Logic
Gate
Control
V
ROCSET
Sense Low
Side
Error Amplifier
VREF
Oscillator
PWM
Comparator
UVP
Comparator
Regulator
V REF
(0 .6V /0.8V typical)
IZCMP
PHASE
UGATE
BOOT
COMP
GND
FB
VCC
Soft-start
Inhibit
I
OCSET
(10 µA typical)
LGATE
OVP
Comparator
1.25
0.5
0 .4V
Disable
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com