Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5280 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5280
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 5 Page - Analog Devices

  AD5280 Datasheet HTML 1Page - Analog Devices AD5280 Datasheet HTML 2Page - Analog Devices AD5280 Datasheet HTML 3Page - Analog Devices AD5280 Datasheet HTML 4Page - Analog Devices AD5280 Datasheet HTML 5Page - Analog Devices AD5280 Datasheet HTML 6Page - Analog Devices AD5280 Datasheet HTML 7Page - Analog Devices AD5280 Datasheet HTML 8Page - Analog Devices AD5280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5280/AD5282
Rev. C | Page 5 of
28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VDD to GND
−0.3 V to +16.5 V
VSS to GND
0 V to −7 V
VDD to VSS
16.5 V
VA, VB, VW to GND
VSS to VDD
AX to BX, AX to WX, BX to WX
Intermittent1
±20 mA
Continuous
±5 mA
VLOGIC to GND
0 V to 7 V
Output Voltage to GND
0 V to 7 V
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
1 Maximum terminal current is bound by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. Package
power dissipation = (TJMAX − TA)/ θJA .
Table 3. Thermal Resistance
Package Type
θJA
Unit
TSSOP-14
206
°C/W
TSSOP-16
150
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com