Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5280 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5280
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5280 Datasheet HTML 11Page - Analog Devices AD5280 Datasheet HTML 12Page - Analog Devices AD5280 Datasheet HTML 13Page - Analog Devices AD5280 Datasheet HTML 14Page - Analog Devices AD5280 Datasheet HTML 15Page - Analog Devices AD5280 Datasheet HTML 16Page - Analog Devices AD5280 Datasheet HTML 17Page - Analog Devices AD5280 Datasheet HTML 18Page - Analog Devices AD5280 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD5280/AD5282
Rev. C | Page 15 of
28
input voltage applied to Terminal A and Terminal B is
()
B
A
W
V
V
D
V
256
256
+
=
D
D
256 −
()
()
(3)
For a more accurate calculation that includes the effect of wiper
resistance, VW can be found as
()
B
AB
WA
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
+
=
(4)
Operation of the digital potentiometer in divider mode results
in a more accurate operation over temperature. Unlike rheostat
mode, the output voltage is dependent mainly on the ratio of
the internal resistors RWA and RWB and not on the absolute
values; therefore, the temperature drift reduces to 5 ppm/°C.
19
1
1
99
SCL
SDA
START BY
MASTER
FRAME 1
SLAVE ADDRESS BYTE
ACK. BY
AD5280/5282
FRAME 2
INSTRUCTION BYTE
ACK. BY
AD5280/AD5282
FRAME 3
DATA BYTE
ACK. BY
AD5280/5282
STOP BY
MASTER
01
0
11 AD1
R/W
A/B
RS
SD
O1
O2
X
X
X
D7
D6D5D4D3D2D1D0
AD0
Figure 45. Writing to the RDAC Register
1
91
9
SCL
SDA
ACK. BY
AD5280/AD5282
NO ACK. BY
MASTER
START BY
MASTER
FRAME 1
SLAVE ADDRESS BYTE
FRAME 2
DATA BYTE FROM PREVIOUSLY SELECTED
STOP BY
MASTER
0
1
0
1
1
AD1 AD0 R/W
D7D6D5D4D3D2
D1D0
A
Figure 46. Reading Data from a Previously Selected RDAC Register in Write Mode
Table 6. Serial Format of Data Accepted from the I2C Bus
S
0
1
0
1
1
AD1
AD
0
R/
W
A
A/B
RS
S
D
O1
O2
X X
X
A
D7
D6
D
5
D
4
D
3
D
2
D
1
D
0
A
P
Slave Address Byte
Instruction Byte
Data Byte
where:
Abbreviation
Equals
S
Start condition
P
Stop condition
A
Acknowledge
X
Don’t care
AD1, AD0
Package pin programmable address bits
R/W
Read enable at high and write enable at low
A/B
RDAC subaddress select; 0 = RDAC1 and 1 = RDAC2
RS
Midscale reset, active high (only affects selected channel)
SD
Shutdown; same as SHDN pin operation except inverse logic (only affects selected channel)
O , O
2
1
Output logic pin latched values; default Logic 0
D7, D6, D5, D4, D3, D2, D1, D0
Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com