Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5280 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5280
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5280 Datasheet HTML 5Page - Analog Devices AD5280 Datasheet HTML 6Page - Analog Devices AD5280 Datasheet HTML 7Page - Analog Devices AD5280 Datasheet HTML 8Page - Analog Devices AD5280 Datasheet HTML 9Page - Analog Devices AD5280 Datasheet HTML 10Page - Analog Devices AD5280 Datasheet HTML 11Page - Analog Devices AD5280 Datasheet HTML 12Page - Analog Devices AD5280 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD5280/AD5282
Rev. C | Page 9 of
28
1000
100
5
FREQUENCY (Hz)
0
–30
–24
–12
–18
–6
–36
–48
–42
–54
–60
0
10k
100k
1M
VIH (V)
10
01
234
80H
RAB = 20kΩ
TA = 25°C
20H
VDD/VSS = 5V/0V
VLOGIC = 3V
VDD/VSS = 5V/0V
VLOGIC = 5V
10H
08H
04H
02H
01H
TA = 25°C
VA = 50mV rms
VDD/VSS = ±5V
40H
FREQUENCY (Hz)
0
–30
–24
–12
–18
–6
–36
–48
–42
–54
–60
0
10k
100k
1M
Figure 18. VLOGIC Supply Current vs. Digital Input Voltage
CODE (Decimal)
700
300
400
500
600
200
100
0
–100
–200
0
32
64
192
96
128
224
256
TA = 25°C
20kΩ
50kΩ
200kΩ
Figure 19. Rheostat Mode Tempco
ΔRWB/ΔT vs. Code, VDD/VSS = ±5 V
CODE (Decimal)
120
40
60
80
100
20
0
–20
–40
0
32
64
192
96
128
224
256
TA = 25°C
20kΩ
50kΩ
200kΩ
Figure 20. Potentiometer Mode Tempco
ΔVWB/ΔT vs. Code,
VDD/VSS = ±5 V
Figure 21. Gain vs. Frequency vs. Code, RAB = 20 k
Ω
80H
20H
10H
08H
04H
02H
01H
TA = 25°C
VA = 50mV rms
VDD/VSS = ±5
40H
0
–30
–24
–12
–18
–6
–36
–48
–42
–54
–60
Figure 22. Gain vs. Frequency vs. Code, RAB = 50 k
Ω
FREQUENCY (Hz)
0
10k
100k
1M
80H
40H
20H
10H
08H
04H
02H
01H
TA = 25°C
VA = 50mV rms
VDD/VSS = ±5V
Figure 23. Gain vs. Frequency vs. Code, RAB = 200 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com