Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5280 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5280
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5280 Datasheet HTML 20Page - Analog Devices AD5280 Datasheet HTML 21Page - Analog Devices AD5280 Datasheet HTML 22Page - Analog Devices AD5280 Datasheet HTML 23Page - Analog Devices AD5280 Datasheet HTML 24Page - Analog Devices AD5280 Datasheet HTML 25Page - Analog Devices AD5280 Datasheet HTML 26Page - Analog Devices AD5280 Datasheet HTML 27Page - Analog Devices AD5280 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5280/AD5282
Rev. C | Page 26 of
28
ORDERING GUIDE
Model1
No. of
Channels
RAB (kΩ)
Temperature
Range
Package Description
Package
Option
Ordering Quantity
AD5280BRU20
1
20
−40°C to +85°C
14-Lead TSSOP
RU-14
96
AD5280BRU20-REEL7
1
20
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD5280BRU50
1
50
−40°C to +85°C
14-Lead TSSOP
RU-14
96
AD5280BRU50-REEL7
1
50
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD5280BRU200-REEL7
1
200
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD5280BRUZ202
1
20
−40°C to +85°C
14-Lead TSSOP
RU-14
96
AD5280BRUZ20-REEL72
1
20
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD5280BRUZ502
1
50
−40°C to +85°C
14-Lead TSSOP
RU-14
96
AD5280BRUZ50-REEL72
1
50
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD5280BRUZ2002
1
200
−40°C to +85°C
14-Lead TSSOP
RU-14
96
AD5280BRUZ200-R72
1
200
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD5282BRU20
2
20
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5282BRU20-REEL7
2
20
−40°C to +85°C
16-Lead TSSOP
RU-16
1,000
AD5282BRU50
2
50
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5282BRU50-REEL7
2
50
−40°C to +85°C
16-Lead TSSOP
RU-16
1,000
AD5282BRU200
2
200
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5282BRU200-REEL7
2
200
−40°C to +85°C
16-Lead TSSOP
RU-16
1,000
AD5282BRUZ202
2
20
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5282BRUZ20-REEL72
2
20
−40°C to +85°C
16-Lead TSSOP
RU-16
1,000
AD5282BRUZ502
2
50
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5282BRUZ50-REEL72
2
50
−40°C to +85°C
16-Lead TSSOP
RU-16
1,000
AD5282BRUZ2002
2
200
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5282BRUZ200-R72
2
200
−40°C to +85°C
16-Lead TSSOP
RU-16
1,000
AD5282-EVAL
2
20
Evaluation Board
1 Line 1 contains model number, Line 2 contains ADI logo followed by the end-to-end resistance value, and Line 3 contains date code YYWW.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com