Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5280 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5280
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5280 Datasheet HTML 15Page - Analog Devices AD5280 Datasheet HTML 16Page - Analog Devices AD5280 Datasheet HTML 17Page - Analog Devices AD5280 Datasheet HTML 18Page - Analog Devices AD5280 Datasheet HTML 19Page - Analog Devices AD5280 Datasheet HTML 20Page - Analog Devices AD5280 Datasheet HTML 21Page - Analog Devices AD5280 Datasheet HTML 22Page - Analog Devices AD5280 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD5280/AD5282
Rev. C | Page 19 of
28
LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to design a layout with compact, minimum
lead lengths. The leads to the input should be as direct as possible
with a minimum conductor length. Ground paths should have
low resistance and low inductance.
AD5280/
AD5282
VDD
VSS
VDD
VSS
GND
C3
10µF
C1
0.1µF
C4
10µF
C2
0.1µF
+
+
Similarly, it is also a good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to
the device should be bypassed with 0.01 μF to 0.1 μF disc or
chip ceramic capacitors. Low ESR 1 μF to 10 μF tantalum or
electrolytic capacitors should also be applied at the supplies to
minimize any transient disturbance and filter low frequency
ripple (see Figure 54). Notice that the digital ground should also
be joined remotely to the analog ground at one point to
minimize digital ground bounce.
Figure 54. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com