Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 14 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 14 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 10Page - Exar Corporation XRP7708 Datasheet HTML 11Page - Exar Corporation XRP7708 Datasheet HTML 12Page - Exar Corporation XRP7708 Datasheet HTML 13Page - Exar Corporation XRP7708 Datasheet HTML 14Page - Exar Corporation XRP7708 Datasheet HTML 15Page - Exar Corporation XRP7708 Datasheet HTML 16Page - Exar Corporation XRP7708 Datasheet HTML 17Page - Exar Corporation XRP7708 Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
X
XR
RP
P7
77
70
08
8 a
an
nd
d X
XR
RP
P7
77
74
40
0
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerrss
© 2012 Exar Corporation
14/28
Rev. 1.2.2
Fig. 190: VCCA (green) Startup Waveform
STANDBY LOW DROP-OUT REGULATOR
This 100mA low drop-out regulator can be programmed as 3.3V or 5V in SET_STBLDO_EN_CONFIG
register. Its output is seen on the LDOOUT Pin. This LDO is fully controllable via the Enable Pin
(configured to turn on as soon as power is applied), a GPIO, and/or I2C communication.
The standby LDO should be bypassed with a minimum of 2.2uF ceramic capacitor.
ENABLING, DISABLING AND RESET
The XRP7708 is enabled via raising the ENABLE Pin high. The chip can then be disabled by
lowering the same ENABLE Pin. There is also the capability for resetting the Chip via an I2C
SOFTRESET Command.
For enabling a specific channel, there are several ways that this can be achieved. The chip can be
configured to enable a channel at start-up as the default configuration residing in the non-volatile
configuration memory of the IC. The channels can also be enabled using GPIO pins and/or an I2C
Bus serial command. The registers that control the channel enable functions are the
SET_EN_CONFIG and SET_CH_EN_I2C.
INTERNAL GATE DRIVERS
The XRP7708 integrates Internal Gate Drivers for all 4 PWM channels. These drivers are optimized
to drive both high-side and low side N-MOSFETs for synchronous operation. Both high side and low
side drivers have the capability of driving 1 nF load with 30 ns rise and fall time. The drivers have
built-in non-overlapping circuitry to prevent simultaneous conduction of the two MOSFETs.
FAULT HANDLING
While the chip is operating there are four different types of fault handling:
•
Under Voltage Lockout (UVLO) monitors the input voltage to the chip, and the chip will
shutdown all channels if the voltage drops to critical levels.
•
Over Temperature Protection (OTP) monitors the temperature of the chip, and the chip
will shutdown all channels if the temperature rises to critical levels.
•
Over Voltage Protection (OVP) monitors the voltage of channel and will shutdown the
channel if it surpasses its voltage threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com