Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 17Page - Exar Corporation XRP7708 Datasheet HTML 18Page - Exar Corporation XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation XRP7708 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
X
XR
RP
P7
77
70
08
8 a
an
nd
d X
XR
RP
P7
77
74
40
0
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerrss
© 2012 Exar Corporation
21/28
Rev. 1.2.2
appropriate bit combination the user can configure the IC to function as a master or a slave when
two or more XRP7708s are used to convert power in a system. Automatic clock selection is also
provided to allow operation even if the external clock fails by switching the IC back to an internal
clock.
External Clock Synchronization
Even when configured to use an external clock, the chip initially powers up with its internal clock.
The user can set the percent target that the frequency detector will use when comparing the
internal clock with the clock frequency input on the GPIO pin. If the external clock frequency is
detected to be within the window specified by the user, then a switchover will occur to the external
clock. If the IC does not find a clock in the specified frequency target range then the external clock
will not be used and the IC will run on the internal clock that was specified by the user. If the
external clock fails the user can chose to have the internal clock take over, using the automatic
switch back mode in the SET_SYNC_MODE_CONFIG register.
XRP7708
Configured for
external clock use
CLK_IN
GPIO1
Fig. 22:XRP7708 Configured For External Clock Use
Synchronized Operation as a Master and Slave Unit
Two XRP7708s can be synchronized together. This Master-Slave configuration is described below.
•
Master
When the XRP7708 powers up as a master unit after the internal configuration memory is loaded
the unit will send CLK_OUT and SYNC_OUT signals to the slave on the preconfigured GPIO pins.
•
Slave
When powering in sync mode the slave unit will initially power up with its internal clock to transfer
the configuration memory. Once this transfer occurs, then the unit is set to function as a slave unit.
In turn the unit will take the external clock provided by the master to run as its main internal clock.
GPIO2
GPIO2
XRP7708
configured
as a master
XRP7708
configured
as a slave
CLK_OUT
SYNC_OUT
SYNC_IN
CLK_IN
GPIO1
GPIO1
Fig. 23: Master/Slave Configuration of the XRP7708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com