Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 22 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 18Page - Exar Corporation XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation XRP7708 Datasheet HTML 25Page - Exar Corporation XRP7708 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
X
XR
RP
P7
77
70
08
8 a
an
nd
d X
XR
RP
P7
77
74
40
0
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerrss
© 2012 Exar Corporation
22/28
Rev. 1.2.2
External Clock Synchronization Master Slave combination
When an external clock is used, the user will need to setup the master to also have an external
clock in function. All of the same rules apply as in the External clock synchronization, Synchronized
operation as a Slave unit section of this document. There are two ways of synchronizing this,
either the external clock going to both Master/Slave CLK_IN, or CLK_IN can go to the Master, and
the Master can synchronize SYNC_OUT and CLK_OUT to the Slave.
GPIO2
GPIO2
XRP7708
Configured as a
master with
external clock sync
XRP7708
configured
as slave
SYNC_OUT
SYNC_IN
CLK_IN
CLK_IN
GPIO1
GPIO1
Fig. 24: External Clock Synchronization Master Slave Combination
GPIO2
GPIO2
XRP7708
Configured as a
master with
external clock sync
XRP7708
configured
as slave
SYNC_OUT
SYNC_IN
CLK_IN
CLK_IN
GPIO1
GPIO3
CLK_OUT
GPIO1
Fig. 258:Alternative External clock synchronization Master Slave combination
PHASE SHIFT
Each switching channel can be programmed to a phase shift of the multiples of 90 degrees [for a 4
phase configuration] or 120 degrees [for a 3 phase configuration]. Two or more of the channels
can use the same phase shift, however, it is preferable to run each channel at separate phases.
GPIO PINS
The General Purpose Input Output (GPIO) Pins are the basic interface between the XRP7708 and
the system. Although all of the stored data within the IC can be read back using the I2C bus it is
sometimes convenient to have some of those internal register to be displayed and or controlled by
a single data pin. Besides simple input output functions the GPIO pins can be configured to serve
as external clock inputs. These pins can be programmed using OTP bits or can be programmed
using the I2C bus. This GPIO_CONFIG register allows the user close to 100 different configuration
functions that the GPIO can be programmed to do.
NOTE: the GPIO Pins (and all I/Os) should NOT be driven without a 10K resistor when VIN is not
being applied to the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com