Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 23 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation XRP7708 Datasheet HTML 25Page - Exar Corporation XRP7708 Datasheet HTML 26Page - Exar Corporation XRP7708 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
X
XR
RP
P7
77
70
08
8 a
an
nd
d X
XR
RP
P7
77
74
40
0
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerrss
© 2012 Exar Corporation
23/28
Rev. 1.2.2
GPIO Pins Polarity
The polarity of the GPIO pin can be set by using the GPIO_ACT_POL register. This register allows
any GPIO pin whether configured as an input or output to change polarity. Bits [5:0] are used to
set the polarity of GPIO 0 though 5. If the IC operates in I2C mode, then the commands for Bits
[5:4] are ignored.
Supply Rail Enable
Each GPIO can be configured to enable a specific power rail for the system. The GPIOx_CFG
register allows a GPIO to enable/disable any of the following rails controlled by the chip:
•
A single buck power controller
•
The Standby LDO
•
Any mix of the Standby LDO and power controller(s)
When the configured GPIO is asserted externally, the corresponding rails will be enabled, and they
will be similarly disabled when the GPIO is de-asserted. This supply enabling/disabling can also be
controlled through the I2C interface.
Power Good Indicator
The GPIO pins can be configured as Power Good indicators for one or more rails. The GPIO pin is
asserted when all rails configured for this specific IO are within specified limits for regulation. This
information can also be found in the READ_PWRGD_SS_FLAG status register.
Fault and Warning Indication
The GPIOs can be configured to signal Fault or Warning conditions when they occur in the chip.
Each GPIO can be configured to signal one of the following:
•
OCP Fault on Channel 1 - 4
•
OCP Warning on Channel 1 - 4
•
OVP Fault on Channel 1 - 4
•
UVLO Fault on VIN1 or VIN2
•
UVLO Warning on VIN1 or VIN2
•
Over Temperature Fault or Warning
I2C COMMUNICATION
The I2C communication is standard 2-wire communication available between the Host and the IC.
This interface allows for the full control, monitoring, and reconfiguration of the semiconductor.
Each device in an I2C-bus system is activated by sending a valid address to the device. The address
always has to be sent as the first byte after the start condition in the I2C -bus protocol
MSB
6
5
4
3
2
1
0
R/W
LSB
Fig. 29: Alignment of I2C address in 8 bit byte
There is one address byte required since 7-bit addresses are used. The last bit of the address byte
is the read/write-bit and should always be set according to the required operation. This 7-bit I2C
address is stored in the NVM. One can program a blank device with the 7-bit Slave address or
select one of the preprogrammed options. The 7-bit address plus the R/W bit create an 8-bit data
value that is sent on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com