Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 24 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 24 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation XRP7708 Datasheet HTML 25Page - Exar Corporation XRP7708 Datasheet HTML 26Page - Exar Corporation XRP7708 Datasheet HTML 27Page - Exar Corporation XRP7708 Datasheet HTML 28Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
X
XR
RP
P7
77
70
08
8 a
an
nd
d X
XR
RP
P7
77
74
40
0
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerrss
© 2012 Exar Corporation
24/28
Rev. 1.2.2
The XRP7740ILB-0X18-F has an I2C address of 0x18. The internal registers are written by sending
a data value of 0x30 and read by sending a data value of 0x31. This reflects the address being
shifted one bit to the left and the least significant bit being set to reflect a read or write operation
in order to stuff the byte correctly.
The second byte sent to the device is the location of a specific register.
Using GPIO3 to select I2C Address
GPIO3 may be used to change the LSB of the 7-bit address. This option can be enabled within the
PowerArchitectTM software by checking the “Use GPIO3 to control LSB of I2C address” box at the
top right of the “Digital Design” tab. More about the use of this option and other methods of
changing the default I2C address of the part are available in ANP-31 “PowerXR Configuration and
Programming”.
EXTERNAL COMPONENT SELECTION
Inductor Selection
Select the Inductor for inductance L and saturation current Isat. Select an inductor with Isat higher
than the programmed over current limit. Calculate inductance from:
����=(������������−����������������)×����������������
������������ ×1��������× 1����������������
Where:
Vin is the converter input voltage
Vout is the converter output voltage
fs is the switching frequency
Irip is the inductor peak-to-peak current ripple (nominally set to 30% of Iout)
Keep in mind that a higher Irip results in a smaller inductance value which has the advantages of
smaller size, lower DC equivalent resistance (DCR), and allows the use of a lower output
capacitance to meet a given step load transient. A higher Irip, however, increases the output
voltage ripple, requires higher saturation current limit, and increases critical conduction. Notice
that this critical conduction current is half of Irip.
Capacitor Selection
•
Output Capacitor Selection
Select the output capacitor for voltage rating, capacitance and Equivalent Series Resistance (ESR).
Nominally the voltage rating is selected to be at least twice as large as the output voltage. Select
the capacitance to satisfy the specification for output voltage overshoot/undershoot caused by the
current step load. A sudden decrease in the load current forces the energy surplus in the inductor
to be absorbed by Cout. This causes an overshoot in output voltage that is corrected by power
switch reduced duty cycle. Use the following equation to calculate Cout:
����=����× (����2−����1)2
������������2−����������������2
Where:
L is the output inductance
I2 is the step load high current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com