Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-2ARQZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADM1275-2ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-2ARQZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADM1275-2ARQZ-R7 Datasheet HTML 35Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 37Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 39 of 48
STATUS_WORD
Code: 0x79, read word. Value after reset: 0x0000.
Table 21. Bit Descriptions for STATUS_WORD Command
Bits
Bit Name
Behavior
Settings
Description
15
VOUT_STATUS
Live
0
There are no active status bits to be read by STATUS_VOUT.
1
There are one or more active status bits to be read by STATUS_VOUT.
14
IOUT_STATUS
Live
0
There are no active status bits to be read by STATUS_IOUT.
1
There are one or more active status bits to be read by STATUS_IOUT.
13
VIN_STATUS
Live
0
There are no active status bits to be read by STATUS_INPUT.
1
There are one or more active status bits to be read by STATUS_INPUT.
12
MFR_STATUS
Live
0
There are no active status bits to be read by STATUS_MFR_SPECIFIC.
1
There are one or more active status bits to be read by STATUS_MFR_SPECIFIC.
11
POWER_GOOD#
Live
0
The voltage on the FLB pin is above the required threshold, indicating
that output power is considered good. This bit is the logical inversion of
the PWRGD pin on the part.
1
The voltage on the FLB pin is below the required threshold, indicating
that output power is considered bad.
[10:8]
Reserved
000
Always reads as 000.
[7:0]
STATUS_BYTE
This byte is the same as the byte returned by the STATUS_BYTE command.
STATUS_VOUT
Code: 0x7A, read byte. Value after reset: 0x00.
This command is supported on the ADM1275-1 and the ADM1275-3. The ADM1275-2 does not have a VOUT pin.
Table 22. Bit Descriptions for STATUS_VOUT Command
Bits
Bit Name
Behavior
Settings
Description
7
Reserved
0
Always reads as 0.
6
VOUT_OV_WARN
Latched
0
No overvoltage condition on the output supply detected by the power
monitor.
1
An overvoltage condition on the output supply was detected by the
power monitor.
5
VOUT_UV_WARN
Latched
0
No undervoltage condition on the output supply detected by the power
monitor.
1
An undervoltage condition on the output supply was detected by the
power monitor.
[4:0]
Reserved
00000
Always reads as 00000.
STATUS_IOUT
Code: 0x7B, read byte. Value after reset: 0x00.
Table 23. Bit Descriptions for STATUS_IOUT Command
Bits
Bit Name
Behavior
Settings
Description
7
IOUT_OC_FAULT
Latched
0
No overcurrent output fault detected.
1
The hot-swap controller detected an overcurrent condition and the time
limit set by the capacitor on the TIMER pin has elapsed, causing the hot-
swap gate drive to shut down.
6
Reserved
0
Always reads as 0.
5
IOUT_OC_WARN
Latched
0
No overcurrent condition on the output supply detected by the power
monitor using the IOUT_OC_WARN_LIMIT command.
1
An overcurrent condition was detected by the power monitor using the
IOUT_OC_WARN_LIMIT command.
[4:0]
Reserved
00000
Always reads as 00000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com