Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-2ARQZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1275-2ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-2ARQZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1275-2ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 17 of 48
0
20
40
60
80
100
120
140
160
180
200
220
240
TEMPERATURE (°C)
VCC = 12V
–40
–20
0
204060
80
Figure 26. Foldback Clamp vs. Temperature
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
375
400
220
VCC (V)
4
6
8
10
12
14
16
18
+85°C
–40°C
+25°C
Figure 27. Severe Overcurrent Response Time vs. Supply Voltage (VCC),
VISET = 0.25 V
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
375
400
VCC (V)
220
4
6
8
1012141618
+85°C
+25°C
–40°C
Figure 28. Severe Overcurrent Response Time vs. Supply Voltage (VCC),
VISET = 1 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
220
VCC (V)
–40°C
+85°C
+25°C
4
6
8
10
12
14
16
18
Figure 29. Circuit Breaker Offset (VCBOS) vs. Supply Voltage (VCC)
0
5
10
15
20
25
30
TEMPERATURE (°C)
–40
–20
0
20406080
VCC = 12V
Figure 30. Hot-Swap Sense Voltage Current Limit (VSENSECL)
vs. Temperature
0
5
10
15
20
25
30
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VFLB (V)
TA = 25°C
Figure 31. Hot-Swap Sense Voltage Current Limit (VSENSECL)
vs. Foldback Voltage (VFLB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com