Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-2ARQZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1275-2ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-2ARQZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1275-2ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 18 of 48
0
5
10
15
20
25
30
35
40
45
50
VCC (V)
TA = 25°C
2
4
6
8
10
12
14
16
18
20
Figure 32. Severe Overcurrent Voltage Threshold (VSENSEOC)
vs. Supply Voltage (VCC), VISET = VVCAP
15
10
5
0
20
25
30
35
40
45
50
VCC = 12V
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
Figure 33. Severe Overcurrent Voltage Threshold (VSENSEOC)
vs. Temperature, VISET = VVCAP
0
1
2
3
4
5
6
7
8
9
10
11
12
0
50
100
150
VSENSEx (V)
Figure 34. SENSE+/SENSE− Input Current (ISENSEx) vs. Voltage (VSENSEx)
0
5
10
15
20
0
–2
–4
–6
–8 –10 –12 –14 –16 –18 –20 –22 –24 –26
IGATEUP (µA)
VCC = 2.95V
VCC = 12V
VCC = 20V
Figure 35. Gate Drive Voltage (ΔVGATE) vs. Gate Pull-Up Current (IGATEUP)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
6
7
8
9
10
IOL (mA)
VCC = 2.95V
VCC = 12V
Figure 36. PWRGD Pin, VOL_PWRGD vs. IOL
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCC = 2.95V
VCC = 12V
0
1
2
3
4
5
6
7
8
9
10
IOL (mA)
Figure 37. LATCH and GPOx/ALERTx Digital Outputs, VOL vs. IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com