Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-2ARQZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADM1275-2ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-2ARQZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADM1275-2ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 46Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 47Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 44 of 48
Bits
Bit Name
Settings
Description
5
VOUT_UV_WARN_EN1
0
Default. Disables generation of SMBAlert when the VOUT_UV_WARN bit is set.
1
Generate SMBAlert when the VOUT_UV_WARN bit is set.
4
HS_INLIM_EN1
0
Default. Disables generation of SMBAlert when the HS_INLIM bit is set.
1
Generate SMBAlert when the HS_INLIM bit is set.
3
INVERT_SMBALERT_1
0
Default. SMBAlert is active low when a fault/warning bit that is enabled becomes set.
1
SMBAlert is active high when a fault/warning bit that is enabled becomes set.
2
CONVERT_EN
0
Default. GPO1/ALERT1/CONV is configured as an output pin.
1
GPO1/ALERT1/CONV is configured as an input pin. All other settings in ALERT1_CONFIG
are ignored.
1
GPO1_EN
0
Default. GPO1/ALERT1/CONV can be configured as either a power monitor convert
input or an SMBAlert output.
1
GPO1/ALERT1/CONV is configured as a general-purpose output unless CONVERT_EN is
set to 1.
0
GPO1_DATA
0
Default. Sets GPO1/ALERT1/CONV low when configured as a general-purpose output.
1
Sets GPO1/ALERT1/CONV high when configured as a general-purpose output.
ALERT2_CONFIG
Code: 0xD6, read/write word. Value after reset: 0x8000.
This command is supported on the ADM1275-1 and the ADM1275-3. The ADM1275-2 does not have a GPO2/ALERT2 pin.
Table 39. Bit Descriptions for ALERT2_CONFIG Command
Bits
Bit Name
Settings
Description
15
FET_HEALTH_BAD_EN2
0
Disables generation of SMBAlert when the FET_HEALTH_BAD bit is set.
1
Default. Generate SMBAlert when the FET_HEALTH_BAD bit is set. This bit is active
from power-up so that a FET problem can be detected and flagged immediately
without the need for software to set this bit.
14
IOUT_OC_FAULT_EN2
0
Default. Disables generation of SMBAlert when the IOUT_OC_FAULT bit is set.
1
Generate SMBAlert when the IOUT_OC_FAULT bit is set.
13
VIN_OV_FAULT_EN2
0
Default. Disables generation of SMBAlert when the VIN_OV_FAULT bit is set.
1
Generate SMBAlert when the VIN_OV_FAULT bit is set.
12
VIN_UV_FAULT_EN2
0
Default. Disables generation of SMBAlert when the VIN_UV_FAULT bit is set.
1
Generate SMBAlert when the VIN_UV_FAULT bit is set.
11
CML_ERROR_EN2
0
Default. Disables generation of SMBAlert when the CML_ERROR bit is set.
1
Generate SMBAlert when the CML_ERROR bit is set.
10
IOUT_OC_WARN_EN2
0
Default. Disables generation of SMBAlert when the IOUT_OC_WARN bit is set.
1
Generate SMBAlert when the IOUT_OC_WARN bit is set.
9
IOUT_WARN2_EN2
0
Default. Disables generation of SMBAlert when the IOUT_WARN2 bit is set.
1
Generate SMBAlert when the IOUT_WARN2 bit is set.
8
VIN_OV_WARN_EN2
0
Default. Disables generation of SMBAlert when the VIN_OV_WARN bit is set.
1
Generate SMBAlert when the VIN_OV_WARN bit is set.
7
VIN_UV_WARN_EN2
0
Default. Disables generation of SMBAlert when the VIN_UV_WARN bit is set.
1
Generate SMBAlert when the VIN_UV_WARN bit is set.
6
VOUT_OV_WARN_EN2
0
Default. Disables generation of SMBAlert when the VOUT_OV_WARN bit is set.
1
Generate SMBAlert when the VOUT_OV_WARN bit is set.
5
VOUT_UV_WARN_EN2
0
Default. Disables generation of SMBAlert when the VOUT_UV_WARN bit is set.
1
Generate SMBAlert when the VOUT_UV_WARN bit is set.
4
HS_INLIM_EN2
0
Default. Disables generation of SMBAlert when the HS_INLIM bit is set.
1
Generate SMBAlert when the HS_INLIM bit is set.
3
INVERT_SMBALERT_2
0
Default. SMBAlert is active low when a fault/warning bit that is enabled becomes set.
1
SMBAlert is active high when a fault/warning bit that is enabled becomes set.
2
Reserved
0
Always reads as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com