Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-2ARQZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADM1275-2ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-2ARQZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADM1275-2ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 46Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 47Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 45 of 48
Bits
Bit Name
Settings
Description
1
GPO2_EN
0
Default. GPO/ALERT2 is configured as an SMBAlert output.
1
GPO/ALERT2 is configured as a general-purpose output.
0
GPO2_DATA
0
Default. Sets GPO/ALERT2 low when configured as a general-purpose output.
1
Sets GPO/ALERT2 high when configured as a general-purpose output.
DEVICE_CONFIG
Code: 0xD8, read/write byte. Value after reset: 0x00.
Table 40. Bit Descriptions for DEVICE_CONFIG Command
Bits
Bit Name
Settings
Description
7
OC_GLITCH_TIME
0
Default. The long duration glitch filter is used when a severe overcurrent fault is
detected.
1
The short duration glitch filter is used when a severe overcurrent fault is detected.
6
FLB_DISABLE
0
Default. Foldback is enabled and can affect the hot-swap current sense limit.
1
Foldback is disabled and does not affect the hot-swap current sense limit. This setting
can be useful if the sole purpose of the FLB pin is to act as a power-good input.
5
OPERATION_CMD_EN
0
Default. The OPERATION command is disabled, and the ADM1275 issues a NACK if
the command is received. This setting provides some protection against a card
accidentally turning itself off.
1
The OPERATION command is enabled, and the ADM1275 responds to it.
4
IOUT_WARN2_SELECT
0
Default. Configures IOUT_WARN2_LIMIT as an undercurrent threshold.
1
Configures IOUT_WARN2_LIMIT as an overcurrent threshold.
[3:0]
Reserved
0000
Always reads as 0000.
POWER_CYCLE
Code: 0xD9, send byte, no data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com