Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-3ARQZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1275-3ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-3ARQZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1275-3ARQZ-R7 Datasheet HTML 23Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 24Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 25Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 26Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 27Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 28Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 29Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 30Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 27 of 48
PMBus INTERFACE
The I2C bus is a common, simple serial bus used by many devices
to communicate. It defines the electrical specifications, the bus
timing, the physical layer, and some basic protocol rules.
SMBus is based on I2C and aims to provide a more robust and
fault-tolerant bus. Functions such as bus timeout and packet
error checking are added to help achieve this robustness, along
with more specific definitions of the bus messages used to read
and write data to devices on the bus.
PMBus is layered on top of SMBus and, in turn, on I2C. Using the
SMBus defined bus messages, PMBus defines a set of standard
commands that can be used to control a device that is part of a
power chain.
The ADM1275 command set is based upon the PMBus™ Power
System Management Protocol Specification, Part I and Part II,
Revision 1.1. This version of the standard is intended to provide
a common set of commands for communicating with dc-to-dc
type devices. However, many of the standard PMBus commands
can be mapped directly to the functions of a hot-swap controller.
Part I and Part II of the PMBus standard describe the basic
commands and how they can be used in a typical PMBus setup.
The following sections describe how the PMBus standard and
the ADM1275 specific commands are used.
DEVICE ADDRESSING
The ADM1275 is available in three models: the ADM1275-1,
the ADM1275-2, and the ADM1275-3. The PMBus address is
7 bits in size. The upper 5 bits (MSBs) of the address word are
fixed and are different for each model, as follows:
•
ADM1275-1: Base address is 00100xx (0x10)
•
ADM1275-2: Base address is 00110xx (0x18)
•
ADM1275-3: Base address is 01000xx (0x20)
The ADM1275-1, ADM1275-2, and ADM1275-3 all have a
single ADR pin that is used to select one of four possible
addresses for a given model. The ADR pin connection selects
the lowest two bits (LSBs) of the 7-bit address word (see Table 8).
Table 8. PMBus Addresses and ADR Pin Connection
Value of Address LSBs
ADR Pin Connection
00
Connect to GND
01
150 kΩ resistor to GND
10
No connection (floating)
11
Connect to VCAP
SMBus PROTOCOL USAGE
All I2C transactions on the ADM1275 are done using SMBus
defined bus protocols. The following SMBus protocols are
implemented by the ADM1275:
•
Send byte
•
Receive byte
•
Write byte
•
Read byte
•
Write word
•
Read word
•
Block read
PACKET ERROR CHECKING
The ADM1275 PMBus interface supports the use of the packet
error checking (PEC) byte that is defined in the SMBus standard.
The PEC byte is transmitted by the ADM1275 during a read
transaction or sent by the bus host to the ADM1275 during a
write transaction. The ADM1275 supports the use of PEC with
all the SMBus protocols that it implements.
The use of the PEC byte is optional. The bus host can decide
whether to use the PEC byte with the ADM1275 on a message-
by-message basis. There is no need to enable or disable PEC in
the ADM1275.
The PEC byte is used by the bus host or the ADM1275 to detect
errors during a bus transaction, depending on whether the trans-
action is a read or a write. If the host determines that the PEC
byte read during a read transaction is incorrect, it can decide to
repeat the read if necessary. If the ADM1275 determines that the
PEC byte sent during a write transaction is incorrect, it ignores
the command (does not execute it) and sets a status flag.
Within a group command, the host can choose to send or not
send a PEC byte as part of the message to the ADM1275.
PARTIAL TRANSACTIONS ON I2C BUS
In the event of a specific sequence of events occurring on the
I2C bus, it is possible for the I2C interface on the device to go
into a state where it fails to ACK the next I2C transaction directed
to it. There are two ways that this behavior can be triggered:
•
A partial I2C transaction consisting of a start condition,
followed by a single SCL clock pulse and stop condition.
•
If the I2C bus master does not follow the 300 ns SDA data
hold time when signaling the ACK/NACK bit at the end of
a transaction. The device sees this as a single SCL clock
partial transaction.
In the event that the device NACKs a transaction, then the I2C
interface on the device can be reset by sending a series of up to
16 SCL clock pulses, or performing a dummy transaction to
another I2C address on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com