Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-3ARQZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADM1275-3ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-3ARQZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADM1275-3ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 22Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 23Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 24Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 25Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 26Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 27Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 28Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 25 of 48
FAST RESPONSE TO SEVERE OVERCURRENT
The ADM1275 features a separate high bandwidth current
sense amplifier that is used to detect a severe overcurrent that
is indicative of a short-circuit condition. A fast response time
allows the ADM1275 to handle events of this type that could
otherwise cause catastrophic damage if not detected and acted
on very quickly. The fast response circuit ensures that the
ADM1275 can detect an overcurrent event at approximately
200% to 250% of the normal current limit (ISET) and can
respond to and control the current within 1 µs, in most cases.
UNDERVOLTAGE AND OVERVOLTAGE
The ADM1275 monitors the supply voltage for undervoltage
(UV) and overvoltage (OV) conditions. The UV and OV pins
are connected to the input of an internal voltage comparator,
and its voltage level is internally compared with a 1 V voltage
reference.
Figure 55 illustrates the voltage monitoring input connections.
An external resistor network divides the supply voltage for
monitoring. An undervoltage event is detected when the voltage
connected to the UV pin falls below 1 V, and the gate is shut
down using the 10 mA pull-down device. Similarly, when an
overvoltage event occurs and the voltage on the OV pin exceeds
1 V, the gate is shut down using the 10 mA pull-down device.
GATE
SENSE+
ADM1275
GND
SENSE–
GATE
DRIVE
RSENSE
Q1
VIN
1V
1V
IOUT
UV
OV
VCC
×50
+
–
–
+
+
–
Figure 55. Undervoltage and Overvoltage Supply Monitoring
ENABLE INPUT (ADM1275-3 ONLY)
The ADM1275-3 provides a dedicated ENABLE digital input pin
instead of the GPO1/ALERT1/CONV pin on the ADM1275-1
and the ADM1275-2.
The ENABLE pin allows the ADM1275-3 to be kept off using a
hardware signal, even when the voltage on the UV pin is above
1.0 V and the voltage on the OV pin is less than 1.0 V. Although
the UV pin can be used to provide a digital enable signal, using
the ENABLE pin for this purpose means that the ability to
monitor for undervoltage conditions is not lost.
In addition to the conditions for the UV and OV pins, the
ADM1275-3 ENABLE input pin must be high for the device
to begin a power-up sequence.
If an enable function is required on the ADM1275-1 or
ADM1275-2, which do not have a dedicated ENABLE pin, a
similar function can be achieved using the UV pin directly.
Alternatively, if the UV divider function is still required, the
configuration shown in Figure 56 can be used.
VIN
R1
D1
R2
EN
UV
SYSTEM CONTROL
ADM1275
Figure 56. Using the UV Pin as an Enable
Diode D1 prevents the external driver pull-up from affecting
the UV threshold. Select Diode D1 using the following criteria:
(VF × D1) + (VOL × EN) << 1.0 V (IF = VIN/R1)
Make sure that the EN sink current does not exceed the specified
VOL value. If the open-drain device has no pull-up, the diode is
not required.
POWER GOOD
The PWRGD output can be used to indicate whether the output
voltage is above a user-defined threshold and can, therefore, be
considered good. The PWRGD output is derived using the FLB
resistor network, composed of R1 and R2 (see Figure 57).
PWRGD is an open-drain output that pulls low when the voltage
at the FLB pin is lower than 1.1 × VISET (power bad). When the
voltage at the FLB pin is above this threshold (indicating that
the output voltage is up), the open-drain pull-down is disabled,
allowing PWRGD to be pulled high. PWRGD is guaranteed to
be in a valid state for VCC ≥ 1 V.
Hysteresis on the FLB pin is provided by a 2 μA internal current
source that is switched on when the VFLB input voltage exceeds
the input threshold. The current source is disconnected when
VOUT drops below the foldback threshold voltage minus the
hysteresis voltage. Resistor R3 is internal to the ADM1275. The
hysteresis voltage at the FLB pin can be varied by adjusting the
parallel combination of Resistor R1 and Resistor R2.
VOUT
FLB
2μA
R1
R2
R3
PWRGD
1.3kΩ
SWITCH IS ON WHEN
COMPARATOR OUTPUT IS HIGH
1.1 × VISET
Figure 57. Generation of PWRGD Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com