Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-3ARQZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADM1275-3ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-3ARQZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADM1275-3ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 42 of 48
Byte
Byte Name
Value
Description
9
Character 9
0x31 or “1”
Always reads as 0x31 on the ADM1275-1.
0x32 or “2”
Always reads as 0x32 on the ADM1275-2.
0x33 or “3”
Always reads as 0x33 on the ADM1275-3.
MFR_REVISION
Code: 0x9B, block read. Value after reset: 0x01 + ASCII “1”.
Table 32. Bit Descriptions for MFR_REVISION Command
Byte
Byte Name
Value
Description
0
Byte count
0x01
Always reads as 0x01, the number of data bytes that the block read command
should expect to read.
1
Character 1
0x31 or “1”
Always reads as 0x31, Revision 1 of the ADM1275.
PEAK_IOUT
Code: 0xD0, read/write word. Value after reset: 0x0000 (writing 0x0000 clears the peak value).
Table 33. Bit Descriptions for PEAK_IOUT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
PEAK_IOUT
Returns the peak IOUT current since the register was last cleared.
PEAK_VIN
Code: 0xD1, read/write word. Value after reset: 0x0000 (writing 0x0000 clears the peak value).
Table 34. Bit Descriptions for PEAK_VIN Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
PEAK_VIN
Returns the peak VIN voltage since the register was last cleared.
PEAK_VOUT
Code: 0xD2, read/write word. Value after reset: 0x0000 (writing 0x0000 clears the peak value).
This command is supported on the ADM1275-1 and the ADM1275-3. The ADM1275-2 does not have a VOUT pin.
Table 35. Bit Descriptions for PEAK_VOUT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
PEAK_VOUT
Returns the peak VOUT voltage since the register was last cleared.
PMON_CONTROL
Code: 0xD3, read/write byte. Value after reset: 0x00.
Table 36. Bit Descriptions for PMON_CONTROL Command
Bits
Bit Name
Settings
Description
[7:1]
Reserved
0000000
Always reads as 0000000.
0
CONVERT
0
Default. Power monitor is not running.
1
Start the sampling of current and voltage with the power monitor. In single-shot mode,
this bit clears itself after one complete cycle. In continuous mode, this bit must be
written to 0 to stop sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com