Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-3ARQZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADM1275-3ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-3ARQZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADM1275-3ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 37Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 40 of 48
STATUS_INPUT
Code: 0x7C, read byte. Value after reset: 0x00.
Table 24. Bit Descriptions for STATUS_INPUT Command
Bits
Bit Name
Behavior
Settings
Description
7
VIN_OV_FAULT
Latched
0
No overvoltage detected on the OV pin.
1
An overvoltage was detected on the OV pin.
6
VIN_OV_WARN
Latched
0
No overvoltage condition on the input supply detected by the power
monitor.
1
An overvoltage condition on the input supply was detected by the power
monitor.
5
VIN_UV_WARN
Latched
0
No undervoltage condition on the input supply detected by the power
monitor.
1
An undervoltage condition on the input supply was detected by the
power monitor.
4
VIN_UV_FAULT
Latched
0
No undervoltage detected on the UV pin.
1
An undervoltage was detected on the UV pin.
[3:0]
Reserved
0000
Always reads as 0000.
STATUS_MFR_SPECIFIC
Code: 0x80, read byte. Value after reset: 0x00.
Table 25. Bit Descriptions for STATUS_MFR_SPECIFIC Command
Bits
Bit Name
Behavior
Settings
Description
7
FET_HEALTH_BAD
Latched
0
FET behavior appears to be as expected.
1
FET behavior suggests that the FET may be shorted.
6
UV_CMP_OUT
Live
0
Input voltage to UV pin is above threshold.
1
Input voltage to UV pin is below threshold.
5
OV_CMP_OUT
Live
0
Input voltage to OV pin is below threshold.
1
Input voltage to OV pin is above threshold.
4
Reserved
0
Always reads as 0.
3
HS_INLIM
Latched
0
The ADM1275 has not actively limited the current into the load.
1
The ADM1275 has actively limited current into the load. This bit differs from
the IOUT_OC_FAULT bit in that the HS_INLIM bit is set immediately, whereas
the IOUT_OC_FAULT bit is not set unless the time limit set by the capacitor
on the TIMER pin elapses.
[2:1]
HS_SHUTDOWN_CAUSE
Latched
00
The ADM1275 is either enabled and working correctly, or has been shut
down using the OPERATION command.
01
An IOUT_OC_FAULT condition occurred that caused the ADM1275 to shut down.
10
A VIN_UV_FAULT condition occurred that caused the ADM1275 to shut down.
11
A VIN_OV_FAULT condition occurred that caused the ADM1275 to shut down.
0
IOUT_WARN2
Latched
0
No overcurrent condition on the output supply detected by the power
monitor using the IOUT_WARN2_LIMIT command.
1
An undercurrent or overcurrent condition on the output supply was
detected by the power monitor using the IOUT_WARN2_LIMIT command.
The polarity of the threshold condition is set by the IOUT_WARN2_SELECT bit
using the DEVICE_CONFIG command.
READ_VIN
Code: 0x88, read word. Value after reset: 0x0000.
Table 26. Bit Descriptions for READ_VIN Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
VIN
Input voltage from the SENSE+ pin measurement, expressed in ADC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com