Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-3ARQZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADM1275-3ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-3ARQZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM1275-3ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 22Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 23Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 24Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 25Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 26Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 27Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 24 of 48
TIMER
The TIMER pin handles several timing functions with an
external capacitor, CTIMER. The two comparator thresholds are
VTIMERL (0.2 V) and VTIMERH (1 V). There are four timing current
sources: a 3 μA pull-up, a 60 μA pull-up, a 2 μA pull-down, and
a 100 μA pull-down.
These current and voltage levels, together with the value of
CTIMER chosen by the user, determine the initial timing cycle
time, the fault current limit time, and the hot-swap retry duty
cycle. The TIMER capacitor value is determined using the
following equation:
CTIMER = (tON × 60 μA)/VTIMERH
where tON is the time that the FET is allowed to spend in regu-
lation at the set current limit. The choice of FET is based on
matching this time with the SOA requirements of the FET.
Foldback can be used to simplify the selection.
When VCC is connected to the backplane supply, the internal
supply of the ADM1275 must be charged up. In a very short
time, the internal supply is fully charged up and, because the
undervoltage lockout (UVLO) voltage is exceeded at VCC, the
device comes out of reset. During this first short reset period,
the GATE and TIMER pins are both held low.
The ADM1275 then goes through an initial timing cycle. The
TIMER pin is pulled high with 3 μA. When the TIMER reaches
the VTIMERH threshold (1.0 V), the first portion of the initial timing
cycle is complete. The 100 μA current source then pulls down the
TIMER pin until it reaches VTIMERL (0.2 V). The initial timing
cycle duration is related to CTIMER by the following equation:
A
100
)
(
A
3
µ
×
−
+
µ
×
=
TIMER
TIMERL
TIMERH
TIMER
TIMERH
INITIAL
C
V
V
C
V
t
For example, a 100 nF capacitor results in a delay of approxi-
mately 34 ms. If the UV and OV inputs indicate that the supply
is within the defined window of operation when the initial
timing cycle terminates, the device is ready to start a hot-swap
operation.
When the voltage across the sense resistor reaches the circuit
breaker trip voltage, VCB, the 60 µA timer pull-up current is
activated, and the gate begins to regulate the current at the
current limit. This initiates a ramp-up on the TIMER pin. If the
sense voltage falls below this circuit breaker trip voltage before
the TIMER pin reaches VTIMERH, the 60 µA pull-up is disabled
and the 2 µA pull-down is enabled.
The circuit breaker trip voltage is not the same as the hot-swap
sense voltage current limit. There is a small circuit breaker offset,
VCBOS, which means that the timer actually starts a short time
before the current reaches the defined current limit.
However, if the overcurrent condition is continuous and the
sense voltage remains above the circuit breaker trip voltage, the
60 µA pull-up remains active and the FET remains in regulation.
This allows the TIMER pin to reach VTIMERH and initiate the
GATE shutdown. On the ADM1275-1 and ADM1275-3, the
LATCH pin is pulled low immediately.
In latch-off mode, the TIMER pin is switched to the 2 µA
pull-down when it reaches the VTIMERH threshold. The LATCH
pin (ADM1275-1 and ADM1275-3) remains low. While the
TIMER pin is being pulled down, the hot-swap controller is
kept off and cannot be turned back on.
When the voltage on the TIMER pin goes below the VTIMERL
threshold, the hot-swap controller can be reenabled by toggling
the UV pin or by using the PMBus OPERATION command to
toggle the ON bit from on to off and then on again.
HOT-SWAP RETRY DUTY CYCLE
The ADM1275-1 and ADM1275-3 turn off the FET after an
overcurrent fault and then use the capacitor on the TIMER pin
to provide a delay before automatically retrying the hot-swap
operation. To configure the ADM1275-1 and ADM1275-3 for
autoretry mode, the LATCH pin is tied to the UV pin or to the
ENABLE pin (ADM1275-3 only). Note that a pull-up is
required on the LATCH pin.
When an overcurrent fault occurs, the TIMER capacitor is
charged with a 60 μA pull-up current. When the TIMER pin
reaches VTIMERH, the GATE pin is pulled down. When the
LATCH pin is tied to the UV pin or the ENABLE pin for
autoretry mode, the TIMER pin is pulled down with a 2 μA
current sink. When the TIMER pin reaches VTIMERL (0.2 V),
it automatically restarts the hot-swap operation.
The duty cycle of this automatic retry cycle is set by the ratio of
2 µA/60 µA, which approximates to being on about 4% of the
time. The value of the timer capacitor determines the on time of
this cycle, which is calculated as follows:
tON = VTIMERH × (CTIMER/60 μA)
tOFF = (VTIMERH − VTIMERL) × (CTIMER/2 μA)
A 100 nF TIMER capacitor gives an on time of 1.67 ms and an
off time of 40 ms. The device retries indefinitely in this manner
and can be disabled manually by holding the UV or ENABLE
pin low or by disconnecting the LATCH pin. To prevent thermal
stress, an RC network can be used to extend the retry time to
any desired level.
FET GATE DRIVE CLAMPS
The charge pump used on the GATE pin is capable of driving
the pin to VCC + (2 × VCC), but it is clamped to less than 14 V
above the SENSE pins and less than 31 V. These clamps ensure
that the maximum VGS rating of the FET is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com