Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-2ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4895-2ARMZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-2ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4895-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADA4895-2
Rev. 0 | Page 3 of 24
SPECIFICATIONS
±5 V (OR +10 V) SUPPLY
TA = 25°C, G = +10, RF = 249 Ω, RL = 1 kΩ to midsupply, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
V
OUT = 0.2 V p-p
236
MHz
V
OUT = 2 V p-p
146
MHz
V
OUT = 0.2 V p-p, G = +20, RF = 1 kΩ
115
MHz
Bandwidth for 0.1 dB Flatness
V
OUT = 2 V p-p, RL = 100 Ω
8.9
MHz
Slew Rate
V
OUT = 6 V step
943
V/µs
Settling Time to 0.1%
V
OUT = 2 V step
22
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion (SFDR)
f
C = 100 kHz, VOUT = 2 V p-p
−96
dBc
f
C = 1 MHz, VOUT = 2 V p-p
−78
dBc
f
C = 2 MHz, VOUT = 2 V p-p
−72
dBc
f
C = 5 MHz, VOUT = 2 V p-p
−64
dBc
Input Voltage Noise
f = 10 Hz, G = +25.9
2
nV/√Hz
f = 100 kHz, G = +25.9
1
nV/√Hz
Input Current Noise
f = 10 Hz
14
pA/√Hz
f = 100 kHz
2.6
pA/√Hz
0.1 Hz to 10 Hz Noise
G = +101, R
F = 1 kΩ, RG = 10 Ω
99
nV p-p
DC PERFORMANCE
Input Offset Voltage
−350
+53
+350
µV
Input Offset Voltage Drift
0.15
µV/°C
Input Bias Current
−16
−11
−6
µA
Input Bias Current Drift
1.2
nA/°C
Input Bias Offset Current
−0.6
−0.02
+0.6
µA
Open-Loop Gain
V
OUT = −4 V to +4 V
100
110
dB
INPUT CHARACTERISTICS
Input Resistance
Common mode/differential
10 M/10 k
Ω
Input Capacitance
Common mode/differential
3/11
pF
Input Common-Mode Voltage Range
−4.9 to +4.1
V
Common-Mode Rejection
V
CM = −2 V to +2 V
−92
−109
dB
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
V
IN = −0.55 V to +0.55 V
80
ns
Positive Output Voltage Swing
R
L = 1 kΩ
4.85
4.96
V
R
L = 100 Ω
4.5
4.77
V
Negative Output Voltage Swing
R
L = 1 kΩ
−4.85
−4.97
V
R
L = 100 Ω
−4.5
−4.85
V
Linear Output Current
SFDR = −45 dBc
72
mA rms
Short-Circuit Current
Sinking/sourcing
116/108
mA
Capacitive Load Drive
30% overshoot
6
pF
POWER SUPPLY
Operating Range
3 to 10
V
Quiescent Current per Amplifier
2.8
3
3.2
mA
DISABLEx = −5 V
0.1
mA
Positive Power Supply Rejection
+V
S = 4 V to 6 V, −VS = −5 V
−96
−136
dB
Negative Power Supply Rejection
+V
S = 5 V, −VS = −4 V to −6 V
−96
−135
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com