Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-2ARMZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4895-2ARMZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-2ARMZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4895-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4895-2
Data Sheet
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Companion Products ....................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±5 V (or +10 V) Supply ............................................................... 3
±2.5 V (or +5 V) Supply .............................................................. 5
±1.5 V (or +3 V) Supply .............................................................. 7
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
Maximum Power Dissipation ..................................................... 9
ESD Caution.................................................................................. 9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 11
Theory of Operation ...................................................................... 17
Amplifier Description................................................................ 17
Input Protection ......................................................................... 17
Disable Operation ...................................................................... 17
DC Errors .................................................................................... 18
Bias Current Cancellation ......................................................... 18
Noise Considerations................................................................. 19
Applications Information .............................................................. 20
Using the ADA4895-2 at a Gain < +10.................................... 20
High Gain Bandwidth Application .......................................... 21
Wideband Photomultiplier Preamplifier ................................ 22
Layout Considerations............................................................... 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
9/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com