Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-2ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4895-2ARMZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-2ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4895-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, 1 nV/√Hz, G ≥ 10 Stable,
Rail-to-Rail Output Amplifier
Data Sheet
ADA4895-2
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low wideband noise
1 nV/√Hz
2.6 pA/√Hz
Low 1/f noise: 2 nV/√Hz at 10 Hz
Low distortion (SFDR): −96 dBc at 100 kHz, V
OUT = 2 V p-p
Low power: 3 mA per amplifier
Low input offset voltage: 350 µV maximum
High speed
236 MHz, −3 dB bandwidth (G = +10)
943 V/µs slew rate
22 ns settling time to 0.1%
Rail-to-rail output
Wide supply range: 3 V to 10 V
Disable feature
APPLICATIONS
Low noise preamplifier
Ultrasound amplifiers
PLL loop filters
High performance ADC drivers
DAC buffers
GENERAL DESCRIPTION
The ADA4895-2 is a dual, high speed voltage feedback amplifier
that is gain ≥ 10 stable with low input noise, rail-to-rail output,
and quiescent current of 3 mA per amplifier. With a 1/f noise of
2 nV/√Hz at 10 Hz and a spurious-free dynamic range of −72 dBc
at 2 MHz, the ADA4895-2 is an ideal solution in a variety of
applications, including ultrasound, low noise preamplifiers, and
drivers of high performance ADCs. The Analog Devices, Inc.,
proprietary next generation SiGe bipolar process and innovative
architecture enable this high performance amplifier.
The ADA4895-2 has a large signal bandwidth of 146 MHz at a gain
of +10 with a slew rate of 943 V/µs, and settles to 0.1% in 22 ns.
The wide supply voltage range (3 V to 10 V) of the ADA4895-2
makes this amplifier an ideal candidate for systems that require
high dynamic range, high gain, precision, and high speed.
The ADA4895-2 is available in a 10-lead MSOP package and
operates over the extended industrial temperature range of
−40°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
OUT1
1
–IN1
2
+IN1
3
–VS 4
DISABLE1
5
+VS
10
OUT2
9
–IN2
8
+IN2
7
DISABLE2
6
ADA4895-2
Figure 1. 10-Lead MSOP
0
1
2
3
4
5
0
16
8
24
32
40
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VOLTAGE
CURRENT
Figure 2. Input Voltage and Current Noise vs. Frequency
Table 1. Other Low Noise Amplifiers1
Part No.
VN @ 1 kHz
(nV/√Hz)
VN @ 100 kHz
(nV/√Hz)
BW (MHz)
Supply
Voltage (V)
AD8021
4.2
2.1
490
5 to 24
AD8045
6
3
1000
3.3 to 12
AD8099
7
0.95
510
5 to 12
ADA4841-1/
ADA4841-2
2.2
2.1
80
2.7 to 12
ADA4896-2
1
1
230
3 to 10
ADA4897-1/
ADA4897-2
1
1
230
3 to 10
ADA4898-1/
ADA4898-2
0.9
0.9
65
10 to 32
ADA4899-1
1.4
1
600
5 to 12
1 See www.analog.com for the latest selection of low noise amplifiers.
COMPANION PRODUCTS
ADCs: AD7944 (14-bit), AD7985 (16-bit), AD7986 (18-bit)
Additional companion products on the ADA4895-2 product page


Similar Part No. - ADA4895-2ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4895-2ARMZ-R7 AD-ADA4895-2ARMZ-R7 Datasheet
591Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
Rev. B
More results

Similar Description - ADA4895-2ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
10/06-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
ADA4896-2 AD-ADA4896-2 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4807-1 AD-ADA4807-1 Datasheet
748Kb / 33P
3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
Rev. B
ADA4895-1 AD-ADA4895-1 Datasheet
591Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
Rev. B
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com