Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-2ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4895-2ARMZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-2ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4895-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADA4895-2
Data Sheet
Rev. 0 | Page 14 of 24
–3
–2
–1
0
1
2
3
TIME (100ns/DIV)
90ns RECOVERY TIME
VOUT
10 × VIN
Figure 23. Output Overdrive Recovery Time
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10
100
FREQUENCY (MHz)
+VS = 2.5V ± 1V p-p
–VS = –2.5V ± 1V p-p
Figure 24. PSRR vs. Frequency
550
600
650
700
750
800
–40
–20
0
20
40
60
80
100
120
TEMPERATURE
(˚C)
VOUT = 3V p-p
RISE
FALL
Figure 25. Slew Rate vs. Temperature
TIME (10ns/DIV)
ERROR
VOUT = 2V STEP
0.2
0.1
0
–0.1
–0.2
Figure 26. Settling Time to 0.1%
–120
–100
–80
–60
–40
–20
0
0.001
0.01
0.1
1
10
100
FREQUENCY (MHz)
Figure 27. CMRR vs. Frequency
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
600
700
800
OVERLOAD DURATION (ns)
NEGATIVE SLOPE
POSITIVE SLOPE
Figure 28. Output Overload Recovery Time vs. Overload Duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com