Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-2ARMZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4895-2ARMZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-2ARMZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4895-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADA4895-2
Rev. 0 | Page 23 of 24
LAYOUT CONSIDERATIONS
To ensure optimal performance, careful and deliberate attention
must be paid to the board layout, signal routing, power supply
bypassing, and grounding.
Ground Plane
It is important to avoid ground in the areas under and around the
input and output of the ADA4895-2. Stray capacitance created
between the ground plane and the input and output pads of a
device is detrimental to high speed amplifier performance. Stray
capacitance at the inverting input, along with the amplifier input
capacitance, lowers the phase margin and can cause instability.
Stray capacitance at the output creates a pole in the feedback
loop, which can reduce phase margin and can cause the circuit
to become unstable.
Power Supply Bypassing
Power supply bypassing is a critical aspect in the performance
of the ADA4895-2. A parallel connection of capacitors from each
power supply pin to ground works best. Smaller value capacitor
electrolytics offer better high frequency response, whereas larger
value capacitor electrolytics offer better low frequency
performance.
Paralleling different values and sizes of capacitors helps to ensure
that the power supply pins are provided with low ac impedance
across a wide band of frequencies. This is important for minimiz-
ing the coupling of noise into the amplifier—especially when the
amplifier PSRR begins to roll off—because the bypass capacitors
can help lessen the degradation in PSRR performance.
Place the smallest value capacitor on the same side of the board
as the amplifier and as close as possible to the amplifier power
supply pins. Connect the ground end of the capacitor directly to
the ground plane.
It is recommended that a 0.1 µF ceramic capacitor with a 0508
case size be used. The 0508 case size offers low series inductance
and excellent high frequency performance. Place a 10 µF electro-
lytic capacitor in parallel with the 0.1 µF capacitor. Depending
on the circuit parameters, some enhancement to performance
can be realized by adding additional capacitors. Each circuit
is different and should be analyzed individually for optimal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com