Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7913EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # EVAL-ADE7913EBZ
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7913EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button EVAL-ADE7913EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 42 of 44
Table 15. CONFIG Register (Address 0x8)
Bit Location
Bit Name
Default Value
Description
0
CLKOUT_EN
0
Enables CLKOUT functionality at the CLKOUT/DREADY pin. When CLKOUT_EN = 0,
the default value, DREADY functionality is enabled. When CLKOUT_EN = 1, CLKOUT
functionality is enabled.
1
Reserved
0
Reserved. This bit does not manage any functionality.
2
PWRDWN_EN
0
Shuts down the dc-to-dc converter. When PWRDWN_EN = 0, the default value, the
dc-to-dc converter is functional and the Σ-Δ modulators are active. When
PWRDWN_EN = 1, the dc-to-dc converter is turned off and the Σ-Δ modulators are
shut down.
3
TEMP_EN
0
This bit selects the second voltage channel measurement. When the TEMP_EN bit is
set to 0, the default value, the voltage between the V2P and VM pins is measured.
When this bit is 1, the internal temperature sensor is measured (see the
Temperature Sensor section for more information). In the case of the ADE7912, the
internal temperature sensor is always measured, and this bit does not have any
significance.
5:4
ADC_FREQ
00
These bits select the ADC output frequency.
00 = 8 kHz, 125 µs period.
01 = 4 kHz, 250 µs period.
10 = 2 kHz, 500 µs period.
11 = 1 kHz, 1 ms period.
6
SWRST
0
When this bit is set to 1, a software reset is initiated. This bit clears itself to 0 after
one CLKIN cycle.
7
BW
0
Selects the bandwidth of the digital low-pass filter of the ADC. When BW = 0, the
default value, the bandwidth is 3.3 kHz. When BW = 1, the bandwidth is 2 kHz. The
bandwidth data is for CLKIN = 4.096 MHz and an ADC output frequency of 8 kHz.
See the Analog-to-Digital Conversion section for details on how CLKIN and the ADC
output frequency influence the bandwidth selection.
Table 16. STATUS0 Register (Address 0x9)
Bit Location
Bit Name
Default Value
Description
0
RESET_ON
1
During reset, the RESET_ON bit is set to 1. When the reset ends and the
ADE7912/ADE7913 are ready to be configured, the RESET_ON bit is cleared to 0.
1
CRC_STAT
0
If the CRC of the configuration registers changes value, CRC_STAT bit is set to 1.
2
IC_PROT
0
If the configuration registers are not protected, this bit is 0. After the configuration
registers are protected (lock register = 0xCA), this bit is set to 1.
7:3
Reserved
0
Reserved. These bits do not represent any functionality.
Table 17. Lock Register (Address 0xA)
Bit Location
Bit Name
Default Value
Description
7:0
LOCK_KEY
00000000
When the LOCK_KEY bits are equal to 0xCA, protection of the configuration
registers is enabled. When the LOCK_KEY bits are equal to 0x9C, the protection is
disabled and the configuration registers can be written.
This is a write only register. If the address location is read, the value is 0x00.
Table 18. SYNC_SNAP Register (Address 0xB)
Bit Location
Bit Name
Default Value
Description
0
Sync
0
When the sync bit is set to 1 via a broadcast SPI write operation, the
ADE7912/ADE7913 devices in the system generate ADC outputs in the same exact
moment. The bit clears itself back to 0 after one CLKIN cycle. See the Synchronizing
Multiple ADE7912/ADE7913 Devices section for more details.
1
Snap
0
When snap is set to 1 via a broadcast SPI write operation, the internal counters of
the ADE7912/ADE7913 devices in the system are latched. The bit clears itself back
to 0 after one CLKIN cycle. See the Synchronizing Multiple ADE7912/ADE7913
Devices section for more details.
7:2
Reserved
0
Reserved. These bits do not represent any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com