Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7913EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # EVAL-ADE7913EBZ
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7913EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button EVAL-ADE7913EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 17 of 44
Gain Drift over Temperature
This temperature coefficient includes the temperature variation
of the ADC gain and of the internal voltage reference. It repre-
sents the overall temperature coefficient of one current or
voltage channel. With the internal voltage reference in use, the
ADC gain is measured at −40°C, +25°C, and +85°C. Then the
temperature coefficient is computed as follows:
(
)
( )
( ) (
)
( )
( )
( ) (
)
−
×
−
−
−
×
−
−
=
25
85
25
25
85
,
25
40
25
25
40
max
Gain
Gain
Gain
Gain
Gain
Gain
Drift
Gain drift is measured in ppm/°C.
Power Supply Rejection (PSR)
PSR quantifies the measurement error as a percentage of
reading when the power supplies are varied. For the ac PSR
measurement, a reading at nominal supplies (3.3 V) is taken
when the voltage at the input pins is 0 V. A second reading is
obtained with the same input signal levels when an ac signal
(120 mV rms at 50 Hz or 100 Hz) is introduced onto the
supplies. Any error introduced by this ac signal is expressed as a
percentage of the reading (power supply rejection ratio, PSRR).
PSR = 20 log10 (PSRR).
For the dc PSR measurement, a reading at nominal supplies
(3.3 V) is taken when the voltage between the IP and IM pins is
6.25 mV rms, and the voltages between the V1P and VM pins
and between the V2P and VM pins are 100 mV rms. A second
reading is obtained with the same input signal levels when the
power supplies are varied by ±10%. Any error introduced is
expressed as a percentage of the reading (PSRR). Then PSR = 20
log10 (PSRR).
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The spectral compo-
nents are calculated over a 2 sec window. The value for SNR is
expressed in decibels.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The spectral
components are calculated over a 2 sec window. The value for
SINAD is expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of all harmonics (excluding the
noise components) to the rms value of the fundamental. The
spectral components are calculated over a 2 sec window. The
value for THD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of the rms value of the actual input signal to
the rms value of the peak spurious component over the
measurement bandwidth of the waveform samples. The spectral
components are calculated over a 2 sec window. The value of
SFDR is expressed in decibels relative to full scale, dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com