Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7913EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # EVAL-ADE7913EBZ
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7913EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button EVAL-ADE7913EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 25 of 44
Figure 38. 3-Phase Meter Using Two ADE7912/ADE7913 Devices in Delta
Configuration
Figure 39. SPI Connections Between Three ADE7912/ADE7913 Devices and a
Microcontroller
ADE7912/ADE7913 CLOCK
Provide a digital clock signal at the XTAL1 pin to clock the
ADE7912/ADE7913. The frequency at which the ADE7912/
ADE7913 are clocked at XTAL1 is called CLKIN. The ADE7912/
ADE7913 are specified for CLKIN = 4.096 MHz, but frequencies
between 3.6 MHz and 4.21 MHz are acceptable.
Alternatively, a 4.096 MHz crystal with a typical drive level of
0.5 mW and an equivalent series resistance (ESR) of 20 Ω can
be connected across the XTAL1 and XTAL2 pins to provide a
clock source for the ADE7912/ADE7913 (see Figure 40).
The total capacitance, TC, at the XTAL1 and XTAL2 pins is
TC = C1 + CP1 = C2 + CP2
where:
C1 and C2 are the ceramic capacitors between XTAL1 and GND
and between XTAL2 and GND, respectively.
CP1 and CP2 are the parasitic capacitors of the wires
connecting the crystal to the ADE7912/ADE7913.
The load capacitance, LC, of the crystal is equal to half the total
capacitance, TC, because it is the capacitance of the series
circuit composed by C1 + CP1 and C2 + CP2.
2
2
2
TC
CP2
C2
CP1
C1
LC
=
+
=
+
=
Therefore, the value of the C1 and C2 capacitors as a function of
the load capacitance of the crystal is
C1 = C2 = 2 × LC − CP1 = 2 × LC − CP2
In the case of the ADE7912/ADE7913, the typical total
capacitance, TC, of the XTAL1 and XTAL2 pins is 40 pF
(see Table 1). Select a crystal with a load capacitance of
pF
20
2
=
=
TC
LC
Assuming the parasitic capacitances, CP1 and CP2, are equal to
20 pF, select Capacitors C1 and C2 equal to 20 pF.
Figure 40. Crystal Circuitry
CS_A
CS_C
SCLK
MOSI
MISO
I/O
MICROCONTROLLER
4.096MHz
CRYSTAL
ISOLATION
BARRIER
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_C
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_A
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
PHASE A
ADE7912/ADE7913
PHASE C
ADE7912/ADE7913
CLKOUT/
DREADY
CLKOUT/
DREADY
LOAD
ADE7912/
ADE7913
PHASE A
ADE7912/
ADE7913
PHASE B
ADE7912/
ADE7913
PHASE C
SCLK
MOSI
MISO
SCLK
MOSI
MISO
SCLK
MOSI
MISO
CS_A
CS_B
SCLK
MOSI
MISO
CS_C
MICROCONTROLLER
CS
CS
CS
10kΩ
VDD
ADE7912/
ADE7913
XTAL1
XTAL2
C1
C2
CP1
CP2
TC
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com