Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7913EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADE7913EBZ
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7913EBZ Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADE7913EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
3-Channel, Isolated,
Sigma-Delta ADC with SPI
Data Sheet
ADE7912/ADE7913
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Two (ADE7912) or three (ADE7913) 24-bit isolated, Σ-Δ
analog-to-digital converters (simultaneously sampling
ADCs)
Integrated isoPower, isolated dc-to-dc converter
On-chip temperature sensor
4-wire SPI serial interface
Up to 4 ADE7912/ADE7913 devices clocked from a single
crystal or an external clock
Synchronization of multiple ADE7912/ADE7913 devices
±31.25 mV peak input range for current channel
±500 mV peak input range for voltage channels
Reference drift: 10 ppm/°C typical
Single 3.3 V supply
20-lead, wide-body SOIC package with 8.3 mm creepage
Operating temperature: −40°C to +85°C
Safety and regulatory approvals (pending)
UL recognition
5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
IEC 61010-1: 400 V rms
VDE certificate of conformity
DIN VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak
APPLICATIONS
Shunt-based polyphase meters
Power quality monitoring
Solar inverters
Process monitoring
Protective devices
Isolated sensor interfaces
Industrial PLCs
TYPICAL APPLICATIONS CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The ADE7912/ADE79131 are isolated, 3-channel Σ-Δ ADCs for
polyphase energy metering applications using shunt current
sensors. Data and power isolation are based on the Analog Devices,
Inc., iCoupler® technology. The ADE7912 features two 24-bit
ADCs, and the ADE7913 features three ADCs. The current ADC
provides a 67 dB signal-to-noise ratio over a 3 kHz signal
bandwidth, whereas the voltage ADCs provide a SNR of 72 dB over
the same bandwidth. One channel is dedicated to measuring the
voltage across a shunt when the shunt is used for current sensing.
Up to two additional channels are dedicated to measuring
voltages, which are usually sensed using resistor dividers. One
voltage channel can be used to measure the temperature of the die
via an internal sensor. The ADE7913 includes three channels:
one current and two voltage channels. The ADE7912 has one
voltage channel but is otherwise identical to the ADE7913.
1 Protected by U.S. Patents 5,952,849; 6,873,065; 7,075,329; 6,262,600; 7,489,526; 7,558,080. Other patents are pending.
NEUTRAL
PHASE
C
ISOLATION
BARRIER
LOAD
PHASE
A
EARTH
PHASE
B
PHASE A
ADE7912/
ADE7913
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_A
3.3V
PHASE B
ADE7912/
ADE7913
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_B
3.3V
PHASE C
ADE7912/
ADE7913
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_C
3.3V
NEUTRAL
LINE
ADE7912/
ADE7913
(OPTIONAL)
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_N
3.3V
3.3V
GNDMCU


Similar Part No. - EVAL-ADE7913EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADE7913EBZ AD-EVAL-ADE7913EBZ Datasheet
885Kb / 41P
3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
More results

Similar Description - EVAL-ADE7913EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
ADE7903 AD-ADE7903 Datasheet
994Kb / 20P
3-Channel, Sigma-Delta ADC with SPI
REV. 0
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
ADE7912 AD-ADE7912_V01 Datasheet
885Kb / 41P
3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com