Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7913EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # EVAL-ADE7913EBZ
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7913EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button EVAL-ADE7913EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 24 of 44
Figure 36. Microcontroller Generating Clock to Three ADE7912/ADE7913
Devices
In Figure 36, the CLKOUT/DREADY pin of the
ADE7912/ADE7913 that is used to sense the Phase C current
and voltage is connected to the I/O pin of the microcontroller.
CLKOUT/DREADY provides an active low pulse for 64 CLKIN
cycles (15.625 µs at CLKIN = 4.096 MHz) when the ADC
conversion data is available. It signals when the ADC outputs of
all ADE7912/ADE7913 devices become available and when the
microcontroller starts to read them. See the Synchronizing
Multiple ADE7913 Devices section for more information about
synchronizing multiple ADE7912/ADE7913 devices.
At power-up, or after a hardware or software reset, follow the
procedure described in the Power-Up Procedure for Systems
with Multiple Devices That Use a Single Crystal section or the
Power-Up Procedure for Systems with Multiple Devices That
Use Clock Generated from Microcontroller section to ensure
that the ADE7912/ADE7913 devices function appropriately.
The configuration of an energy meter using four ADE7912/
ADE7913 devices is similar, shown in Figure 37. The
microcontroller uses an additional I/O pin, CS_N, to generate
the SPI CS signal to the ADE7912/ADE7913 device that is
monitoring the neutral current.
Figure 37. 3-Phase Energy Meter Using Four ADE7912/ADE7913 Devices
Figure 38 shows an energy meter using two ADE7912/ADE7913
devices in a delta configuration. The meter ground is on the
Phase B line. One ADE7912/ADE7913 device measures Phase A
current and Phase A to Phase B voltage. A second ADE7912/
ADE7913 device measures Phase C current and Phase C to
Phase B voltage. Phase B current and Phase A to Phase C
voltage are computed by the system microcontroller.
CS_A
CS_B
CS_C
SCLK
MOSI
MISO
CLK
I/O
MICROCONTROLLER
ISOLATION
BARRIER
PHASE A
ADE7912/ADE7913
PHASE B
ADE7912/ADE7913
PHASE C
ADE7912/ADE7913
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_A
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_B
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_C
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
LOAD
CLKOUT/
DREADY
CLKOUT/
DREADY
CLKOUT/
DREADY
CS_A
CS_B
CS_C
CS_N
SCLK
MOSI
MISO
I/O
MICROCONTROLLER
ISOLATION
BARRIER
PHASE A
ADE7912/ADE7913
PHASE B
ADE7912/ADE7913
PHASE N
ADE7912/ADE7913
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_A
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_B
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_N
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
LOAD
EARTH
PHASE C
ADE7912/ADE7913
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_C
XTAL2
XTAL1
SCLK
MOSI
MISO
CS
4.096MHz
CRYSTAL
CLKOUT/
DREADY
CLKOUT/
DREADY
CLKOUT/
DREADY
CLKOUT/
DREADY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com