Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 122Page - Microchip Technology PIC16F636ESS Datasheet HTML 123Page - Microchip Technology PIC16F636ESS Datasheet HTML 124Page - Microchip Technology PIC16F636ESS Datasheet HTML 125Page - Microchip Technology PIC16F636ESS Datasheet HTML 126Page - Microchip Technology PIC16F636ESS Datasheet HTML 127Page - Microchip Technology PIC16F636ESS Datasheet HTML 128Page - Microchip Technology PIC16F636ESS Datasheet HTML 129Page - Microchip Technology PIC16F636ESS Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 124
© 2007 Microchip Technology Inc.
REGISTER 11-2:
CONFIGURATION REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DATOUT1
DATOUT0
LCXTUN5
LCXTUN4
LCXTUN3
LCXTUN2
LCXTUN1
LCXTUN0
R1PAR
bit 8
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8-7
DATOUT<1:0>: LFDATA Output type bit
00
= Demodulated output
01
= Carrier Clock output
10
= RSSI output
11
= RSSI output
bit 6-1
LCXTUN<5:0>: LCX Tuning Capacitance bit
000000
= +0 pF (Default)
:
111111
= +63 pF
bit 0
R1PAR: Register Parity Bit – set/cleared so the 9-bit register contains odd parity – an odd number of set
bits
REGISTER 11-3:
CONFIGURATION REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RSSIFET
CLKDIV
LCYTUN5
LCYTUN4
LCYTUN3
LCYTUN2
LCYTUN1
LCYTUN0
R2PAR
bit 8
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8
RSSIFET: Pull-down MOSFET on LFDATA pad bit (controllable by user in the RSSI mode only)
1
= Pull-down RSSI MOSFET on
0
= Pull-down RSSI MOSFET off
bit 7
CLKDIV: Carrier Clock Divide-by bit
1
= Carrier Clock/4
0
= Carrier Clock/1
bit 6-1
LCYTUN<5:0>: LCY Tuning Capacitance bit
000000
= +0 pF (Default)
:
111111
= +63 pF
bit 0
R2PAR: Register Parity Bit – set/cleared so the 9-bit register contains odd parity – an odd number of set
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com