Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 125Page - Microchip Technology PIC16F636ESS Datasheet HTML 126Page - Microchip Technology PIC16F636ESS Datasheet HTML 127Page - Microchip Technology PIC16F636ESS Datasheet HTML 128Page - Microchip Technology PIC16F636ESS Datasheet HTML 129Page - Microchip Technology PIC16F636ESS Datasheet HTML 130Page - Microchip Technology PIC16F636ESS Datasheet HTML 131Page - Microchip Technology PIC16F636ESS Datasheet HTML 132Page - Microchip Technology PIC16F636ESS Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 127
PIC12F635/PIC16F636/639
See Table 11-7 for the bit conditions of the AFE Status
Register after various SPI commands and the AFE
Power-on Reset.
TABLE 11-7:
AFE STATUS REGISTER BIT CONDITION (AFTER POWER-ON RESET AND
VARIOUS SPI COMMANDS)
REGISTER 11-8:
AFE STATUS REGISTER 7
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
CHZACT
CHYACT
CHXACT
AGCACT
WAKEZ
WAKEY
WAKEX
ALARM
PEI
bit 8
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8
CHZACT: Channel Z Active(1) bit (cleared via Soft Reset)
1
=
Channel Z is passing data after TAGC
0
=
Channel Z is not passing data after TAGC
bit 7
CHYACT: Channel Y Active(1) bit (cleared via Soft Reset)
1
=
Channel Y is passing data after TAGC
0
=
Channel Y is not passing data after TAGC
bit 6
CHXACT: Channel X Active(1) bit (cleared via Soft Reset)
1
=
Channel X is passing data after TAGC
0
=
Channel X is not passing data after TAGC
bit 5
AGCACT: AGC Active Status bit (real time, cleared via Soft Reset)
1
=
AGC is active (Input signal is strong). AGC is active when input signal level is approximately > 20 mVPP range.
0
=
AGC is inactive (Input signal is weak)
bit 4
WAKEZ: Wake-up Channel Z Indicator Status bit (cleared via Soft Reset)
1
=
Channel Z caused a AFE wake-up (passed
÷64 clock counter)
0
=
Channel Z did not cause a AFE wake-up
bit 3
WAKEY: Wake-up Channel Y Indicator Status bit (cleared via Soft Reset)
1
=
Channel Y caused a AFE wake-up (passed
÷64 clock counter)
0
=
Channel Y did not cause a AFE wake-up
bit 2
WAKEX: Wake-up Channel X Indicator Status bit (cleared via Soft Reset)
1
=
Channel X caused a AFE wake-up (passed
÷64 clock counter)
0
=
Channel X did not cause a AFE wake-up
bit 1
ALARM: Indicates whether an Alarm timer time-out has occurred (cleared via read “Status Register command”)
1
=
The Alarm timer time-out has occurred. It may cause the ALERT output to go low depending on the state of bit 4 of the
Configuration register 0
0
=
The Alarm timer is not timed out
bit 0
PEI: Parity Error Indicator bit – indicates whether a Configuration register parity error has occurred (real time)
1
=
A parity error has occurred and caused the ALERT output to go low
0
=
A parity error has not occurred
Note
1:
Bit is high whenever channel is passing data. Bit is low in Standby mode.
Condition
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CHZACT
CHYACT
CHXACT
AGCACT
WAKEZ
WAKEY
WAKEX
ALARM
PEI
POR
0
0
0
0
0000
1
Read Command
(STATUS Register only)
u
u
u
u
uuu0
u
Sleep Command
u
u
u
u
uuuu
u
Soft Reset Executed(1)
0
0
0
0
000u
u
Legend:
u
= unchanged
Note
1:
See Section 11.20 “Soft Reset” and Section 11.32.2.4 “Soft Reset Command” for the condition of Soft Reset
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com