Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 129Page - Microchip Technology PIC16F636ESS Datasheet HTML 130Page - Microchip Technology PIC16F636ESS Datasheet HTML 131Page - Microchip Technology PIC16F636ESS Datasheet HTML 132Page - Microchip Technology PIC16F636ESS Datasheet HTML 133Page - Microchip Technology PIC16F636ESS Datasheet HTML 134Page - Microchip Technology PIC16F636ESS Datasheet HTML 135Page - Microchip Technology PIC16F636ESS Datasheet HTML 136Page - Microchip Technology PIC16F636ESS Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 131
PIC12F635/PIC16F636/639
12.2
Reset
The PIC12F635/PIC16F636/639 differentiates between
various kinds of Reset:
a)
Power-on Reset (POR)
b)
Wake-up Reset (WUR)
c)
WDT Reset during normal operation
d)
WDT Reset during Sleep
e)
MCLR Reset during normal operation
f)
MCLR Reset during Sleep
g)
Brown-out Reset (BOR)
Some registers are not affected in any Reset condition;
their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on:
• Power-on Reset
•MCLR Reset
•MCLR Reset during Sleep
•WDT Reset
• Brown-out Reset
They are not affected by a WDT wake-up since this is
viewed as the resumption of normal operation. TO and
PD bits are set or cleared differently in different Reset
situations, as indicated in Table 12-3. These bits are
used in software to determine the nature of the Reset.
See Table 12-4 for a full description of Reset states of
all registers.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 12-1.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. See Section 15.0 “Electrical
Specifications” for pulse width specifications.
FIGURE 12-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External Reset
MCLR/VPP pin
VDD
OSC1/
WDT
Module
VDD Rise
Detect
OST/PWRT
LFINTOSC
WDT
Time-out
Power-on Reset
OST
10-bit Ripple Counter
PWRT
Chip_Reset
11-bit Ripple Counter
Reset
Enable OST
Enable PWRT
Sleep
Brown-out(1)
Reset
SBOREN
BOREN<0>
CLKI pin
Note
1:
Refer to the Configuration Word register (Register 12-1).
Sleep
WURE
RA3 Change
Wake-up Interrupt
BOREN
<1>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com